Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV0603DK-071ML Datasheet(PDF) 6 Page - YAGEO Corporation

Part # RV0603DK-071ML
Description  HIGH VOLTAGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RV0603DK-071ML Datasheet(HTML) 6 Page - YAGEO Corporation

  RV0603DK-071ML Datasheet HTML 1Page - YAGEO Corporation RV0603DK-071ML Datasheet HTML 2Page - YAGEO Corporation RV0603DK-071ML Datasheet HTML 3Page - YAGEO Corporation RV0603DK-071ML Datasheet HTML 4Page - YAGEO Corporation RV0603DK-071ML Datasheet HTML 5Page - YAGEO Corporation RV0603DK-071ML Datasheet HTML 6Page - YAGEO Corporation RV0603DK-071ML Datasheet HTML 7Page - YAGEO Corporation RV0603DK-071ML Datasheet HTML 8Page - YAGEO Corporation RV0603DK-071ML Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Chip Resistor Surface Mount
Product specification
6
9
SERIES
RV
0603/0805/1206/2010/2512 (RoHS Compliant)
www.yageo.com
Dec. 05, 2016 V.6
FUNCTIONAL DESCRIPTION
OPERATING TEMPERATURE RANGE
Range: –55 °C to +155 °C
POWER RATING
Each type rated power at 70 °C:
RV0603=1/10W; RV0805=1/8W; RV1206=1/4W;
RV2010=3/4W; RV2512=1W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V =
or max. working voltage whichever is less
Where
V = Continuous rated DC or AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
Maximum working voltage can be applicable to resistors only if the resistance value is equal to or higher than
the critical resistance value.
Fig. 6 Maximum dissipation (Pmax) in percentage of rated power
as a function of the operating ambient temperature (Tamb)


Similar Part No. - RV0603DK-071ML

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
RV060 FILTRONIC-RV060 Datasheet
325Kb / 2P
   DETECTOR LOG VIDEO AMPLIFIERS
More results

Similar Description - RV0603DK-071ML

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com