Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744917115 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744917115
Description  WE-KI HC SMD High Current Wire Wound Ceramic Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744917115 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744917115 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744917115 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744917115 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744917115 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744917115 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744917115 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
No Component
min. 160 mm
Components
No Component
min. 100 mm
Cover Tape
min. 400 mm
Carrier tape
Cover tape
Packaging is referred to the international standard
IEC 60286-3; 2013
top cover
tape
A0
P1
P2
P0
D0
T1
K0
T
End
Feeding direction
Start
T3
A0
B0
W
P1
T
T1
D0
E1
E2
F
G
P0
P2
Tape
VPE / packaging unit
tolerance
typ.
typ.
±0,1
±0,1
typ.
max.
+0,1
±0,1
min.
±0,05
min.
±0,1
±0,05
pcs.
size
0603
1.2
1.85
8
4
1.02
0.1
1.5
1.75
6.25
3.5
1.8
4
2
Paper
3000
Pull-of force
Tape width
8 mm
0,1 N - 1,0 N
165° - 180°
B
C
W3
W2
W1
close to center
A
B
C
D
N
W1
W2
W3
W3
tolerance
±2,0
min.
±0,8
min.
min.
+1.5
max.
min.
max.
Tape width
8 mm
178
1.5
13
20.2
50
8.4
14.4
7.9
10.9
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HBH
DIN ISO 2768-1m
DESCRIPTION
WE-KI HC SMD High Current Wire
Wound Ceramic Inductor
ORDER CODE
744917115
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
0603
001.000
Valid
2015-11-10
eiSos
3/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744917115

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744917110 WURTH-744917110 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917111 WURTH-744917111 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917112 WURTH-744917112 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917116 WURTH-744917116 Datasheet
374Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917118 WURTH-744917118 Datasheet
374Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
More results

Similar Description - 744917115

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744916068 WURTH-744916068 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916110 WURTH-744916110 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916122 WURTH-744916122 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916124 WURTH-744916124 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917060 WURTH-744917060 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917095 WURTH-744917095 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917151 WURTH-744917151 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917156 WURTH-744917156 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917227 WURTH-744917227 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917233 WURTH-744917233 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916036 WURTH-744916036 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com