Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV1206DR-07100KL Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RV1206DR-07100KL
Description  HIGH VOLTAGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RV1206DR-07100KL Datasheet(HTML) 4 Page - YAGEO Corporation

  RV1206DR-07100KL Datasheet HTML 1Page - YAGEO Corporation RV1206DR-07100KL Datasheet HTML 2Page - YAGEO Corporation RV1206DR-07100KL Datasheet HTML 3Page - YAGEO Corporation RV1206DR-07100KL Datasheet HTML 4Page - YAGEO Corporation RV1206DR-07100KL Datasheet HTML 5Page - YAGEO Corporation RV1206DR-07100KL Datasheet HTML 6Page - YAGEO Corporation RV1206DR-07100KL Datasheet HTML 7Page - YAGEO Corporation RV1206DR-07100KL Datasheet HTML 8Page - YAGEO Corporation RV1206DR-07100KL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
Product specification
4
9
SERIES
RV
0603/0805/1206/2010/2512 (RoHS Compliant)
www.yageo.com
Dec. 05, 2016 V.6
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
Fig. 5 Chip resistor outlines
MARKING
RV0603/0805/1206/2010/2512
E-24 series: 3 digits, ±5%
First two digits for significant figure and 3rd digit for number of zeros
RV0603
E-24 series: 3 digits, ±0.5% & ±1%
One short bar under marking letter
E-96 series: 3 digits, ±0.5% & ±1%
First two digits for E-96 marking rule and 3rd letter for number of zeros
RV0805/1206/2010/2512
Both E-24 and E-96 series: 4 digits, ±0.5% & ±1%
First three digits for significant figure and 4th digit for number of zeros
For further marking information, please refer to data sheet “Chip resistors marking”.
Fig. 2 Value=24Ω
0
Fig. 3 Value=12.4 KΩ
Fig. 4 Value=10 KΩ
00
CONSTRUCTION
The resistor is constructed on top of a high-grade
ceramic body. Internal metal electrodes are added on
each end to make the contacts to the thick film resistive
element. The composition of the resistive element is a
noble metal imbedded into a glass and covered by a
second glass to prevent environment influences. The
resistor is laser trimmed to the rated resistance value.
The resistor is covered with a protective epoxy coat,
finally the two external terminations (matte tin on Ni-
barrier) are added. See fig.5
DIMENSIONS
Table 1 For outlines see fig. 5
TYPE
L (mm) W (mm)
H (mm)
I1 (mm) I2 (mm)
RV0603 1.60 ±0.10 0.80 ±0.10 0.45 ±0.10 0.25 ±0.15 0.25 ±0.15
RV0805 2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ±0.20 0.35 ±0.20
RV1206 3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.40 ±0.20 0.45 ±0.20
RV2010 5.00±0.10 2.50±0.15 0.55±0.10 0.45±0.15 0.50±0.20
RV2512 6.35 ±0.10 3.10 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20
Fig. 1
Value=10 KΩ
03


Similar Part No. - RV1206DR-07100KL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
RV1206FR-071ML INFINEON-RV1206FR-071ML Datasheet
1Mb / 28P
   iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
RV1206FR-071ML INFINEON-RV1206FR-071ML Datasheet
1Mb / 36P
   iMOTION™ modular application design kit
Revision 1.1 2020-09-29
RV1206JR-0715ML INFINEON-RV1206JR-0715ML Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
More results

Similar Description - RV1206DR-07100KL

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com