Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65263-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65263-Q1
Description  4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65263-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65263-Q1 Datasheet HTML 4Page - Texas Instruments TPS65263-Q1 Datasheet HTML 5Page - Texas Instruments TPS65263-Q1 Datasheet HTML 6Page - Texas Instruments TPS65263-Q1 Datasheet HTML 7Page - Texas Instruments TPS65263-Q1 Datasheet HTML 8Page - Texas Instruments TPS65263-Q1 Datasheet HTML 9Page - Texas Instruments TPS65263-Q1 Datasheet HTML 10Page - Texas Instruments TPS65263-Q1 Datasheet HTML 11Page - Texas Instruments TPS65263-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Output Load (A)
0
0.5
1
1.5
2
1.18
1.185
1.19
1.195
1.2
1.205
1.21
1.215
1.22
D005
5 VIN
12 VIN
Output Load (A)
0
0.5
1
1.5
2
2.485
2.49
2.495
2.5
2.505
2.51
2.515
2.52
2.525
D006
5 VIN
12 VIN
Output Load (A)
0.01
0.1
1
2
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D003
5 VIN
12 VIN
Output Load (A)
0
0.5
1
1.5
2
2.5
3
1.475
1.48
1.485
1.49
1.495
1.5
1.505
1.51
1.515
D004
5 VIN
12 VIN
Output Load (A)
0.01
0.1
1
2
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D002
5 VIN
12 VIN
Output Load (A)
0.01
0.1
1
2
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D002
5 VIN
12 VIN
8
TPS65263-1Q1
SLVSDY9 – MARCH 2017
www.ti.com
Product Folder Links: TPS65263-1Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
TA = 25°C, VIN = 12 V, VOUT1 = 1.5 V, VOUT2 = 1.2 V, VOUT3 = 2.5 V, FSW = 500 kHz (unless otherwise noted)
Figure 1. BUCK1 Efficiency
Figure 2. BUCK2 Efficiency
Figure 3. BUCK3 Efficiency
Figure 4. BUCK1, Load Regulation
Figure 5. BUCK2, Load Regulation
Figure 6. BUCK3, Load Regulation


Similar Part No. - TPS65263-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
More results

Similar Description - TPS65263-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com