Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2373-4RGWT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2373-4RGWT
Description  High-Power PoE PD Interface with Advanced Startup
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2373-4RGWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2373-4RGWT Datasheet HTML 4Page - Texas Instruments TPS2373-4RGWT Datasheet HTML 5Page - Texas Instruments TPS2373-4RGWT Datasheet HTML 6Page - Texas Instruments TPS2373-4RGWT Datasheet HTML 7Page - Texas Instruments TPS2373-4RGWT Datasheet HTML 8Page - Texas Instruments TPS2373-4RGWT Datasheet HTML 9Page - Texas Instruments TPS2373-4RGWT Datasheet HTML 10Page - Texas Instruments TPS2373-4RGWT Datasheet HTML 11Page - Texas Instruments TPS2373-4RGWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
TPS2373
SLUSCD1 – APRIL 2017
www.ti.com
Product Folder Links: TPS2373
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
40 V
≤ VVDD ≤ 57 V, RDEN = 24.9 kΩ; PG, CLSA, CLSB, MPS_DUTY, AMPS_CTL, UVLO_SEL, VC_IN, TPH, TPL and BT
open; VAPD = VRTN; CVC_OUT = 1 µF; RREF = 49.9 kΩ; –40°C ≤ TJ ≤ 125°C. Positive currents are into pins. Typical values are at
25°C. All voltages are with respect to VVSS unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Parameters provided for reference only, and do not constitute part of TI published specifications for purposes of TI product warranty.
MPS pulsed mode duty
cycle for Type 3-4 PSE
MPS pulsed current duty cycle, RMPS_DUTY >
230 kΩ
5.2%
5.43%
5.6%
MPS pulsed current ON time, RMPS_DUTY >
230 kΩ
14.3
14.9
15.5
ms
MPS pulsed current duty cycle, RMPS_DUTY <
8 kΩ
12.3%
12.5%
12.7%
MPS pulsed current ON time, RMPS_DUTY < 8
36
37.5
39
ms
MPS pulsed current duty cycle,
43 kΩ < RMPS_DUTY < 77 kΩ
7.9%
8.1%
8.3%
MPS pulsed current ON time,
43 kΩ < RMPS_DUTY < 77 kΩ
22.2
23.1
24
ms
MPS pulsed current OFF time, RMPS_DUTY
from 0 Ω to open circuit
250
265
280
ms
MPS_DUTY pullup current
14
17
20
µA
THERMAL SHUTDOWN
Shutdown
TJ
140
150
°C
Hysteresis (1)
20
°C


Similar Part No. - TPS2373-4RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23730 TI-TPS23730 Datasheet
2Mb / 53P
[Old version datasheet]   TPS23731 IEEE 802.3bt Type 3 Class 1-4 PoE PD with No-Opto Flyback DC-DC Controller
TPS23730RMTR TI1-TPS23730RMTR Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23730RMTT TI1-TPS23730RMTT Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23731 TI-TPS23731 Datasheet
2Mb / 53P
[Old version datasheet]   TPS23731 IEEE 802.3bt Type 3 Class 1-4 PoE PD with No-Opto Flyback DC-DC Controller
More results

Similar Description - TPS2373-4RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
TPS2372 TI1-TPS2372 Datasheet
923Kb / 43P
[Old version datasheet]   High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372 TI1-TPS2372_18 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372_018 TI1-TPS2372_018 Datasheet
947Kb / 45P
[Old version datasheet]   High-Power PoE PD Interface with Automatic MPS and Autoclass
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
   PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Texas Instruments
TPS2379 TI1-TPS2379 Datasheet
648Kb / 30P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface with External Gate Driver
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com