Electronic Components Datasheet Search |
|
HSMBJ5928B Datasheet(PDF) 1 Page - Microsemi Corporation |
|
HSMBJ5928B Datasheet(HTML) 1 Page - Microsemi Corporation |
1 / 2 page MSC1299.PDF ISO 9001 CERTIFIED REV E 10/19/99 ZENNER VOLTAGE VT (NOTE 1) TEST CURRENT IZT DYNAMIC IMPEDANCE ZZT (NOTE 2) KNEE CURRENT IZK KNEE IMPEDANCE ZZK (NOTE 2) REVERSE CURRENT IR REVERSE VOLTAGE VR MAX.DC CURRENT IZM (NOTE 3) PART NUMBER Volts mA Ohms mA OHMS µ Adc Volts MA HSMBJ5913B 3.3 113.6 10.0 1.0 500 100.0 1.0 749 HSMBJ5914B 3.6 104.2 9.0 1.0 500 75.0 1.0 686 HSMBJ5915B 3.9 96.1 7.5 1.0 500 25.0 1.0 633 HSMBJ5916B 4.3 87.2 6.0 1.0 500 5.0 1.0 574 HSMBJ5917B 4.7 79.8 5.0 1.0 500 5.0 1.5 526 HSMBJ5918B 5.1 73.5 4.0 1.0 350 5.0 2.0 485 HSMBJ5919B 5.6 66.9 2.0 1.0 250 5.0 3.0 440 HSMBJ5920B 6.2 60.5 2.0 1.0 200 5.0 4.0 397 HSMBJ5921B 6.8 55.1 2.5 1.0 200 5.0 5.2 363 HSMBJ5922B 7.5 50.0 3.0 0.5 400 5.0 6.0 330 HSMBJ5923B 8.2 45.7 3.5 0.5 400 5.0 6.5 300 HSMBJ5924B 9.1 41.2 4.0 0.5 500 5.0 7.0 270 HSMBJ5925B 10 37.5 4.5 0.25 500 5.0 8.0 247 HSMBJ5926B 11 34.1 5.5 0.25 550 1.0 8.4 206 HSMBJ5927B 12 31.2 6.5 0.25 550 1.0 9.1 206 HSMBJ5928B 13 28.9 7.0 0.25 550 1.0 9.9 189 HSMBJ5929B 15 25.0 9.0 0.25 600 1.0 11.4 165 HSMBJ5930B 16 23.4 10.0 0.25 600 1.0 12.2 153 HSMBJ5931B 18 20.8 12.0 0.25 650 1.0 13.7 137 HSMBJ5932B 20 18.7 14.0 0.25 650 1.0 15.2 124 HSMBJ5933B 22 17.0 17.5 0.25 650 1.0 16.7 112 HSMBJ5934B 24 15.6 19.0 0.25 700 1.0 18.2 102 HSMBJ5935B 27 13.9 23.0 0.25 700 1.0 20.6 91 HSMBJ5936B 30 12.5 28.0 0.25 750 1.0 22.8 83 HSMBJ5937B 33 11.4 33.0 0.25 800 1.0 25.1 74 HSMBJ5938B 36 10.4 38.0 0.25 850 1.0 27.4 68 HSMBJ5939B 39 9.6 45.0 0.25 900 1.0 29.7 63 HSMBJ5940B 43 8.7 53.0 0.25 950 1.0 32.7 56 HSMBJ5941B 47 8.0 67.0 0.25 1000 1.0 35.8 51 HSMBJ5942B 51 7.3 70.0 0.25 1100 1.0 38.8 48 HSMBJ5943B 56 6.7 86.0 0.25 1300 1.0 42.6 43 HSMBJ5944B 62 6.0 100 0.25 1500 1.0 47.1 40 HSMBJ5945B 68 5.5 120 0.25 1700 1.0 51.2 36 HSMBJ5946B 75 5.0 140 0.25 2000 1.0 56.0 33 HSMBJ5947B 82 4.6 160 0.25 2500 1.0 62.2 30 HSMBJ5948B 91 4.1 200 0.25 3000 1.0 69.2 26 HSMBJ5949B 100 3.7 250 0.25 3100 1.0 76.0 25 HSMBJ5950B 110 3.4 300 0.25 4000 1.0 83.6 22 HSMBJ5951B 120 3.1 280 0.25 4500 1.0 91.2 20 HSMBJ5952B 130 2.9 450 0.25 5000 1.0 98.8 18 HSMBJ5953B 150 2.5 600 0.25 6000 1.0 114.0 17 HSMBJ5954B 160 2.3 700 0.25 6500 1.0 121.6 15 HSMBJ5955B 180 2.1 900 0.25 7000 1.0 136.8 13 HSMBJ5956B 200 1.9 1200 0.25 8000 1.0 152.0 12 8700 E. Thomas Road Scottsdale, AZ 85251 Tel: (480) 941-6300 Fax (480) 947-1503 Electrical Characteristics @ TL = 30°C HSMBJ5913B thru HSMBJ5956B SILICON 3.0 W ZENER DIODE FEATURES: • Surface mount equivalent to 1N5913B thru 1N5956B • Popular HSMBJ Package outline-Small and Rugged • Zener voltage 3.3V to 200V • Constructed with an Oxide Passivated All Diffused Die MAXIMUM RATINGS: • Junction and Storage Temperature: -55 °C to +150°C • DC Power Dissipation 3 W at Lead Temp. TL ≤75°C • Derate above +75 °C: 40 mW/°C • Forward voltage @ 200mA: 1.2Volts and TL = 30 °C Mechanical Characteristics • Case: Similar to DO-214AA • Terminals: Leads tin plated • Thermal resistance: 25°C/W (maximum) junction to lead at mounting plane • Polarity: Cathode indicated by a band • Packaging: Standard 12 mm tape 2500 per 13 inch reel see (EIA Standard RS-481) DIMENSIONS INCHES MILLIMETERS DIM MIN MAX MIN MAX A .073 .087 1.85 2.21 B .160 .180 4.06 4.57 C .130 .155 3.30 3.94 D .205 .220 5.21 5.59 E .075 .130 1.91 3.30 F .030 .060 .76 1.52 G .006 .016 .15 .41 |
Similar Part No. - HSMBJ5928B |
|
Similar Description - HSMBJ5928B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |