Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT257DTDSO Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT257DTDSO
Description  FAST CMOS QUAD 2-INPUT MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT257DTDSO Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT257DTDSO Datasheet HTML 1Page - Integrated Device Technology IDT74FCT257DTDSO Datasheet HTML 2Page - Integrated Device Technology IDT74FCT257DTDSO Datasheet HTML 3Page - Integrated Device Technology IDT74FCT257DTDSO Datasheet HTML 4Page - Integrated Device Technology IDT74FCT257DTDSO Datasheet HTML 5Page - Integrated Device Technology IDT74FCT257DTDSO Datasheet HTML 6Page - Integrated Device Technology IDT74FCT257DTDSO Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
6
IDT54/74FCT257T/AT/CT/DT
FASTCMOSQUAD2-INPUTMULTIPLEXER
Pulse
Generator
R T
D.U.T
.
V CC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
Octal link
Octal link
Octal link
Octal link
Octal link
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times
Set-Up, Hold, and Release Times
Pulse Width
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
SWITCH POSITION
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.


Similar Part No. - IDT74FCT257DTDSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT257DTD IDT-IDT74FCT257DTD Datasheet
135Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT257DTDB IDT-IDT74FCT257DTDB Datasheet
135Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
More results

Similar Description - IDT74FCT257DTDSO

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT157T PERICOM-PI74FCT157T Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
logo
Renesas Technology Corp
IDT74FCT157AT RENESAS-IDT74FCT157AT Datasheet
276Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
logo
Integrated Device Techn...
IDT74FCT157T IDT-IDT74FCT157T Datasheet
135Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157AT IDT-IDT74FCT157AT Datasheet
73Kb / 6P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Renesas Technology Corp
IDT74FCT257AT RENESAS-IDT74FCT257AT Datasheet
282Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
SEPTEMBER 2009
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com