Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2578S150PF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT71V2578S150PF
Description  128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2578S150PF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT71V2578S150PF Datasheet HTML 5Page - Integrated Device Technology IDT71V2578S150PF Datasheet HTML 6Page - Integrated Device Technology IDT71V2578S150PF Datasheet HTML 7Page - Integrated Device Technology IDT71V2578S150PF Datasheet HTML 8Page - Integrated Device Technology IDT71V2578S150PF Datasheet HTML 9Page - Integrated Device Technology IDT71V2578S150PF Datasheet HTML 10Page - Integrated Device Technology IDT71V2578S150PF Datasheet HTML 11Page - Integrated Device Technology IDT71V2578S150PF Datasheet HTML 12Page - Integrated Device Technology IDT71V2578S150PF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6.42
IDT71V2576, IDT71V2578, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
9
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1)
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 5%)
Figure 2. Lumped Capacitive Load, Typical Derating
Figure 1. AC Test Load
AC Test Load
AC Test Conditions
(VDDQ = 2.5V)
NOTE:
1. The
LBO, TMS, TDI, TCK and TRST pins will be internally pulled to VDD and the ZZ pin will be internally pulled to VSS if they are not actively driven in the application.
NOTES:
1. All values are maximum guaranteed values.
2. At f = fMAX, inputs are cycling at the maximum frequency of read cycles of 1/tCYC while
ADSC = LOW; f=0 means no input lines are changing.
3. For I/Os VHD = VDDQ - 0.2V, VLD = 0.2V. For other inputs VHD = VDD - 0.2V, VLD = 0.2V.
VDDQ/2
50
I/O
Z0 =50
4876 drw 06
,
1
2
3
4
20 30 50
100
200
∆tCD
(Typical, ns)
Capacitance (pF)
80
5
6
4876 drw 07
,
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
|ILI|
Input Leakage Current
VDD = Max., VIN = 0V to VDD
___
5
µA
|ILZZ|
ZZ
LBO and JTAG Input Leakage Current(1)
VDD = Max., VIN = 0V to VDD
___
30
µA
|ILO|
Output Leakage Current
VOUT = 0V to VDDQ, Device Deselected
___
5
µA
VOL
Output Low Voltage
IOL = +6mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = -6mA, VDD = Min.
2.0
___
V
4876 tbl 08
Symbol
Parameter
Test Conditions
150MHz
133MHz
Unit
Com'l
Ind
Com'l
Ind
IDD
Operating Power Supply
Current
Device Selected, Outputs Open, VDD = Max.,
VDDQ = Max., VIN > VIH or < VIL, f = fMAX(2)
295
305
250
260
mA
ISB1
CMOS Standby Power
Supply Current
Device Deselected, Outputs Open, VDD = Max.,
VDDQ = Max., VIN > VHD or < VLD, f = 0(2,3)
30
35
30
35
mA
ISB2
Clock Running Power
Supply Current
Device Deselected, Outputs Open, VDD = Max.,
VDDQ = Max., VIN > VHD or < VLD, f = fMAX(2,3)
105
115
100
110
mA
IZZ
Full Sleep Mode Supply
Current
ZZ > VHD, VDD = Max.
30
35
30
35
mA
4876 tbl 09
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Timing Reference Levels
AC Test Load
0 to 2.5V
2ns
(VDDQ/2)
(VDDQ/2)
See Figure 1
4876 tbl 10


Similar Part No. - IDT71V2578S150PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT71V2578S RENESAS-IDT71V2578S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
IDT71V2578SA RENESAS-IDT71V2578SA Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results

Similar Description - IDT71V2578S150PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V3576S RENESAS-71V3576S Datasheet
288Kb / 19P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.01.20
71V25761S RENESAS-71V25761S Datasheet
278Kb / 18P
   128K X 36 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Jul.27. 20
logo
Integrated Device Techn...
IDT71V67602 IDT-IDT71V67602 Datasheet
975Kb / 22P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V67602 RENESAS-IDT71V67602 Datasheet
540Kb / 24P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
FEBRUARY 2009
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
logo
Integrated Device Techn...
IDT71V67803 IDT-IDT71V67803 Datasheet
986Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com