Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2373 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2373
Description  High-Power PoE PD Interface with Advanced Startup
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2373 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2373 Datasheet HTML 6Page - Texas Instruments TPS2373 Datasheet HTML 7Page - Texas Instruments TPS2373 Datasheet HTML 8Page - Texas Instruments TPS2373 Datasheet HTML 9Page - Texas Instruments TPS2373 Datasheet HTML 10Page - Texas Instruments TPS2373 Datasheet HTML 11Page - Texas Instruments TPS2373 Datasheet HTML 12Page - Texas Instruments TPS2373 Datasheet HTML 13Page - Texas Instruments TPS2373 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
12V &
10V
22V &
21.25V
38.1V &
32V
VDD
1
0
S
R
Q
Inrush limit
threshold
Current limit
threshold
VSS
RTN
CLSA
APD
VSS
DEN
800Ps
2.5V
REG.
Detection
Comp.
4V
1.5V
&1.4V
Hotswap
MOSFET
Class
Comp.
Mark
Comp.
APD
Comp.
15V
UVLO
Comp.
OTSD
IRTN sense,1 if < 90% of inrush and current limit
1 = inrush
Signals referenced to VSS unless
otherwise noted
Class
Comp.
5V & 4V
0 = current limit
Inrush latch
RTN
1.9ms
1
0
IRTN sense
State
Eng.
Mark Comp Out
UVLO Comp Out
VSS
S
R
Q
High if over
temperauture
RTN
PG
VC_OUT
Regulator
VC_IN
TPH, TPL
/BT
RTN
Inrush
Timing
Startup
Control
RTN
8.5V
7V
4V
UVLO_SEL
5.5V
RTN
Automatic
MPS Control
RTN
RTN
RTN
RTN
MPS
threshold
MPS_DUTY
AMPS_CTRL
VDD
24V
REF
1.5V
Bias
Oscillator
Class Comp Out
CLSB
Mark R
MPS Enable
Copyright © 2017, Texas Instruments Incorporated
10
TPS2373
SLUSCD1 – APRIL 2017
www.ti.com
Product Folder Links: TPS2373
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 APD Auxiliary Power Detect
The APD pin is used in applications that may draw power either from the Ethernet cable or from an auxiliary
power source. When a voltage of more than about 1.65 V is applied on the APD pin relative to RTN, the
TPS2373 does the following:


Similar Part No. - TPS2373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23730 TI-TPS23730 Datasheet
2Mb / 53P
[Old version datasheet]   TPS23731 IEEE 802.3bt Type 3 Class 1-4 PoE PD with No-Opto Flyback DC-DC Controller
TPS23730RMTR TI1-TPS23730RMTR Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23730RMTT TI1-TPS23730RMTT Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23731 TI-TPS23731 Datasheet
2Mb / 53P
[Old version datasheet]   TPS23731 IEEE 802.3bt Type 3 Class 1-4 PoE PD with No-Opto Flyback DC-DC Controller
More results

Similar Description - TPS2373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
TPS2372 TI1-TPS2372 Datasheet
923Kb / 43P
[Old version datasheet]   High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372 TI1-TPS2372_18 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372_018 TI1-TPS2372_018 Datasheet
947Kb / 45P
[Old version datasheet]   High-Power PoE PD Interface with Automatic MPS and Autoclass
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
   PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Texas Instruments
TPS2379 TI1-TPS2379 Datasheet
648Kb / 30P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface with External Gate Driver
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com