Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5264805FLTT-75 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HM5264805FLTT-75
Description  64M LVTTL interface SDRAM 133 MHz/100 MHz
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5264805FLTT-75 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HM5264805FLTT-75 Datasheet HTML 4Page - Hitachi Semiconductor HM5264805FLTT-75 Datasheet HTML 5Page - Hitachi Semiconductor HM5264805FLTT-75 Datasheet HTML 6Page - Hitachi Semiconductor HM5264805FLTT-75 Datasheet HTML 7Page - Hitachi Semiconductor HM5264805FLTT-75 Datasheet HTML 8Page - Hitachi Semiconductor HM5264805FLTT-75 Datasheet HTML 9Page - Hitachi Semiconductor HM5264805FLTT-75 Datasheet HTML 10Page - Hitachi Semiconductor HM5264805FLTT-75 Datasheet HTML 11Page - Hitachi Semiconductor HM5264805FLTT-75 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
HM5264165F/HM5264805F/HM5264405F-75/A60/B60
8
Block Diagram (HM5264405F)
Column address
counter
Column address
buffer
Row address
buffer
Refresh
counter
A0 to A13
A0 to A13
DQ0 to DQ3
Input
buffer
Output
buffer
Control logic &
timing generator
Row decoder
Memory array
A0 to A9
Bank 0
4096 row
X 1024 column
X 4 bit
Row decoder
Memory array
Bank 1
4096 row
X 1024 column
X 4 bit
Row decoder
Memory array
Bank 2
4096 row
X 1024 column
X 4 bit
Row decoder
Memory array
Bank 3
4096 row
X 1024 column
X 4 bit


Similar Part No. - HM5264805FLTT-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5264805FLTT-75 ELPIDA-HM5264805FLTT-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
More results

Similar Description - HM5264805FLTT-75

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Hitachi Semiconductor
HM5212325F HITACHI-HM5212325F Datasheet
62Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5212325FBPC HITACHI-HM5212325FBPC Datasheet
58Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HB52F648EN-75B ELPIDA-HB52F648EN-75B Datasheet
200Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 133 MHz Memory Bus PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com