Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32K607-303N5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 32K607-303N5
Description  SMA BULKHEAD JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

32K607-303N5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  32K607-303N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 32K607-303N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
SMA
BULKHEAD JACK
32K607-303N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 12.4 GHz
VSWR
≤ 1.05 + 0.01 x f [GHz], DC to 5 GHz
Insertion loss
≤ 0.03 x
dB, DC to 5 GHz
Insulation resistance
≥ 5 x103 MΩ
Center contact resistance
≤ 3 mΩ
Outer contact resistance
≤ 2 mΩ
Test voltage
1000 V rms
Working voltage
480 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
≤ 200 W @ 2 GHz
RF-leakage
≥ 100 dB up to 1 GHz
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
min. 500
Center contact captivation: axial
≥ 27 N
Coupling test torque
max. 1.7 Nm
Recommended torque
0.8 Nm to 1.1 Nm
Environmental data
Temperature range
-65°C to +165°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. D
Shock
MIL-STD-202, Meth. 213, Cond. I
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
Crimping tool
11W150-000
Crimp insert
11W150-102
Suitable cables
TZC 502 2101, RG 316 /U-d, K 02252 D
Weight
Weight
4.00 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
E. Truc-Vallet
25.02.14
J_Krautenbacher
21.07.16
b00
15-1629
I_Wallner
21.07.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 32K607-303N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
32K607-303L5 ROSENBERGER-32K607-303L5 Datasheet
225Kb / 2P
   SMA BULKHEAD JACK
More results

Similar Description - 32K607-303N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
32K103-5H0L5 ROSENBERGER-32K103-5H0L5 Datasheet
220Kb / 2P
   SMA BULKHEAD JACK
logo
Winchester Electronics ...
SD872-57-3 WINCHESTER-SD872-57-3 Datasheet
67Kb / 1P
   JACK, BULKHEAD, SMA
logo
Rosenberger Hochfrequen...
32K601-271L5 ROSENBERGER-32K601-271L5 Datasheet
286Kb / 2P
   SMA BULKHEAD JACK
32K607-302L5 ROSENBERGER-32K607-302L5 Datasheet
225Kb / 2P
   SMA BULKHEAD JACK
32K607-303L5 ROSENBERGER-32K607-303L5 Datasheet
225Kb / 2P
   SMA BULKHEAD JACK
32K601-272L5 ROSENBERGER-32K601-272L5 Datasheet
350Kb / 2P
   SMA BULKHEAD JACK
logo
Winchester Electronics ...
SD872-36-3 WINCHESTER-SD872-36-3 Datasheet
74Kb / 1P
   JACK, BULKHEAD, SMA
logo
Molex Electronics Ltd.
73251-0360 MOLEX11-73251-0360 Datasheet
37Kb / 1P
   50 Ohms, SMA Jack to SMA Jack, Bulkhead, Adapter
0732510360 MOLEX11-0732510360 Datasheet
33Kb / 1P
   50 Ohms, SMA Jack to SMA Jack, Bulkhead, Adapter
logo
Amphenol Corporation
132289-80094 AMPHENOL-132289-80094 Datasheet
92Kb / 2P
   SMA END LAUNCH BULKHEAD JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com