Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6C8016-55ZIN Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS6C8016-55ZIN
Description  512K X 16 BIT SUPER LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C8016-55ZIN Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS6C8016-55ZIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TRUTH TABLE
I/O OPERATION
MODE
CE# OE# WE# LB#
UB#
DQ0-DQ7
DQ8-DQ15
SU P PLY CURRENT
Standby
H
X
X
X
X
X
X
H
X
H
High – Z
High – Z
High – Z
High – Z
ISB1
Output Disable
L
L
H
H
H
H
L
X
X
L
High – Z
High – Z
High – Z
High – Z
ICC,ICC1
Read
L
L
L
L
L
L
H
H
H
L
H
L
H
L
L
DOUT
High – Z
DOUT
High – Z
DOUT
DOUT
ICC,ICC1
Write
L
L
L
X
X
X
L
L
L
L
H
L
H
L
L
DIN
High – Z
DIN
High – Z
DIN
DIN
ICC,ICC1
Note: H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.*4
MAX.
UNIT
Supply Voltage
VCC
2.7
3.0
5.5
V
Input High Voltage
VIH*1
2.4
-
VCC+0.3
V
Input Low Voltage
VIL*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC
VIN
VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC
VOUT
VSS
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.4
2.7
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
- 55
-
30
60
mA
ICC
Cycle time = Min.
CE# = VIL,
II/O = 0mA
Other pins at VIL or VIH
Average Operating
Power supply Current
ICC1
Cycle time = 1µs
CE#
0.2V, II/O = 0mA
Other pins at 0.2V or VCC-0.2V
-
4
12
mA
Standby Power
Supply Current
ISB1
CE# VCC-0.2V
Other pins at 0.2V or VCC-0.2V
-
6
50
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃
CAPACITANCE
(T A = 25 , f = 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
512KX 8 BIT LOW POWER CMOS SRAM
January 2007
NOVEMBER 2007
NOVEMBER/2007, V 1.0
Alliance Memory Inc.
Page 3 of 12
AS6C8016
512K X 16 BIT SUPER LOW POWER CMOS SRAM


Similar Part No. - AS6C8016-55ZIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C8016-55BIN ALSC-AS6C8016-55BIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
   All inputs and outputs TTL compatible
More results

Similar Description - AS6C8016-55ZIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C8016-55BIN ALSC-AS6C8016-55BIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com