Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1812JCNPOEBB121 Datasheet(PDF) 7 Page - YAGEO Corporation

Part # CC1812JCNPOEBB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1812JCNPOEBB121 Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button CC1812JCNPOEBB121 Datasheet HTML 3Page - YAGEO Corporation CC1812JCNPOEBB121 Datasheet HTML 4Page - YAGEO Corporation CC1812JCNPOEBB121 Datasheet HTML 5Page - YAGEO Corporation CC1812JCNPOEBB121 Datasheet HTML 6Page - YAGEO Corporation CC1812JCNPOEBB121 Datasheet HTML 7Page - YAGEO Corporation CC1812JCNPOEBB121 Datasheet HTML 8Page - YAGEO Corporation CC1812JCNPOEBB121 Datasheet HTML 9Page - YAGEO Corporation CC1812JCNPOEBB121 Datasheet HTML 10Page - YAGEO Corporation CC1812JCNPOEBB121 Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
High-Voltage
NP0
/X7R 1 KV to 3 KV
www.yageo.com
Jan. 16, 2017 V.9
Surface-Mount Ceramic Multilayer Capacitors
7
13
Product specification
ELECTRICAL CHARACTERISTICS
N
NP
P00//X
X77R
R D
DIIE
EL
LE
EC
CT
TR
RIIC
C C
CA
AP
PA
AC
CIIT
TO
OR
RS
S;; N
NIIS
SN
N T
TE
ER
RM
MIIN
NA
AT
TIIO
ON
NS
S
Unless otherwise stated all electrical values apply at an ambient temperature of 20± 1 °C, an atmospheric
pressure of 86 to 106 kPa, and a relative humidity of 63 to 67%.
Table 6
DESCRIPTION
VALUE
Capacitance range
10 pF to 33 nF
Capacitance tolerance
NP0
C < 10 pF
± 0.25 pF, ± 0.5 pF
C ≥ 10 pF
± 2%, ± 5%
X7R
± 5% (1), ± 10%
Dissipation factor (D.F.)
NP0
C < 30 pF
≤ 1 / ( 400 + 20C )
C ≥ 30 pF
≤ 0.1 %
X7R
≤ 2.5 %
Insulation resistance after 1 minute at Ur (DC)
Rins ≥ 10 GΩ or Rins × C ≥ 500 seconds whichever is less
Maximum capacitance change as a function of temperature
(temperature characteristic/coefficient):
NP0
± 30 ppm/°C
X7R
± 15%
Operating temperature range:
NP0/X7R
–55 °C to +125 °C
NOTE
1. ±5% tolerance of capacitance value isn't available for X7R full product range, please contact local sales force before ordering


Similar Part No. - CC1812JCNPOEBB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1812JCNPO0BB121 YAGEO-CC1812JCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1812JCNPO0BB121 TDK-CC1812JCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
YAGEO Corporation
CC1812JCNPO0BB121 YAGEO-CC1812JCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1812JCNPO0BN121 YAGEO-CC1812JCNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1812JCNPO0BN121 TDK-CC1812JCNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1812JCNPOEBB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com