Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1210JFNPOEBB121 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CC1210JFNPOEBB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1210JFNPOEBB121 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CC1210JFNPOEBB121 Datasheet HTML 5Page - YAGEO Corporation CC1210JFNPOEBB121 Datasheet HTML 6Page - YAGEO Corporation CC1210JFNPOEBB121 Datasheet HTML 7Page - YAGEO Corporation CC1210JFNPOEBB121 Datasheet HTML 8Page - YAGEO Corporation CC1210JFNPOEBB121 Datasheet HTML 9Page - YAGEO Corporation CC1210JFNPOEBB121 Datasheet HTML 10Page - YAGEO Corporation CC1210JFNPOEBB121 Datasheet HTML 11Page - YAGEO Corporation CC1210JFNPOEBB121 Datasheet HTML 12Page - YAGEO Corporation CC1210JFNPOEBB121 Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
High-Voltage
NP0
/X7R 1 KV to 3 KV
www.yageo.com
Jan. 16, 2017 V.9
Surface-Mount Ceramic Multilayer Capacitors
9
13
Product specification
SOLDERING RECOMMENDATION
Table 7
SOLDERING
METHOD
SIZE
0402
0603
0805
1206
≥ 1210
Reflow
Reflow only
≥ 1.0 µF
≥ 2.2 µF
≥ 4.7 µF
Reflow only
Reflow/Wave
---
< 1.0 µF
< 2.2 µF
< 4.7 µF
---
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Mounting
IEC 60384-
21/22
4.3
The capacitors may be mounted on printed-circuit boards or
ceramic substrates
No visible damage
Visual
Inspection and
Dimension
Check
4.4
Any applicable method using × 10 magnification
In accordance with specification
Capacitance
4.5.1
Class 1:
f = 1 MHz for C ≤ 1 nF, measuring at voltage 1 Vrms at 20 °C
f = 1 KHz for C > 1 nF, measuring at voltage 1 Vrms at 20 °C
Class 2:
f = 1 KHz for C ≤ 10 µF, measuring at voltage 1 Vrms at 20 °C
Within specified tolerance
Dissipation
Factor (D.F.)
4.5.2
Class 1:
f = 1 MHz for C ≤ 1 nF , measuring at voltage 1 Vrms at 20 °C
f = 1 KHz for C > 1 nF, measuring at voltage 1 Vrms at 20 °C
Class 2:
f = 1 KHz for C ≤ 10 µF, measuring at voltage 1 Vrms at 20 °C
In accordance with specification
Insulation
Resistance
4.5.3
Ur ≤ 500 V: At Ur for 1 minute
Ur > 500 V: At 500 V for 1 minute
In accordance with specification
TESTS AND REQUIREMENTS
Table 8 Test procedures and requirements


Similar Part No. - CC1210JFNPOEBB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1210JFNPO0BB121 YAGEO-CC1210JFNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1210JFNPO0BB121 TDK-CC1210JFNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
YAGEO Corporation
CC1210JFNPO0BB121 YAGEO-CC1210JFNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1210JFNPO0BN121 YAGEO-CC1210JFNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1210JFNPO0BN121 TDK-CC1210JFNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1210JFNPOEBB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com