Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4374 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC4374
Description  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC4374 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SC4374 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC4374 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC4374 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
NPN Silicon Epitaxial Planar Transistor
2SC4374
E121
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE=0
80
V
Collector- emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
80
V
Emitter- base breakdown voltage
V(BR)EBO
IE=1mA, IC=0
5
V
Collector cut-off current
ICBO
VCB=80V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
VCE=2V,IC=50mA
70
240
DC current gain
hFE
VCE=2V,IC=200mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=200mA,IB=20mA
0.4
V
Base-emitter
VBE
VCE=-2V,IC=5mA
0.55
0.8
V
Transition frequency
fT
VCE=10V, IC=10mA
120
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
14
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
70-140
120-240
Marking
EO
EY


Similar Part No. - 2SC4374

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
2SC4374 HTSEMI-2SC4374 Datasheet
339Kb / 1P
   TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SC4374 JIANGSU-2SC4374 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC4374 DGNJDZ-2SC4374 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SC4374

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com