Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6C6264-55PCN Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS6C6264-55PCN
Description  8K X 8 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C6264-55PCN Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS6C6264-55PCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C6264-55PCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C6264-55PCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C6264-55PCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C6264-55PCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C6264-55PCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C6264-55PCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C6264-55PCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C6264-55PCN Datasheet HTML 12Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
®
8K X 8 BIT LOW POWER CMOS SRAM
PACKAGE OUTLINE DIMENSION
28 pin 600 mil PDIP Package Outline Dimension
UNIT
SYM.
INCH.(BASE)
MM(REF)
A1
0.010 (MIN) 0.254 (MIN)
A2
0.150±0.005 3.810±0.127
B
0.020 (MAX) 0.508(MAX)
B1
0.055 (MAX) 1.397(MAX)
c
0.012 (MAX) 0.304 (MAX)
D
1.430 (MAX) 36.322 (MAX)
E
0.6 (TYP)
15.24 (TYP)
E1
0.52 (MAX)
13.208 (MAX)
e
0.100 (TYP) 2.540(TYP)
eB
0.625 (MAX) 15.87 (MAX)
L
0.180(MAX) 4.572(MAX)
S
0.06 (MAX)
1.524 (MAX)
Q1
0.08(MAX)
2.032(MAX)
Θ
15o(MAX)
15o(MAX)
Page 8 of 12


Similar Part No. - AS6C6264-55PCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
AS6C6264A ALSC-AS6C6264A Datasheet
885Kb / 10P
   Common data inputs and outputs
AS6C6264A-70PCN ALSC-AS6C6264A-70PCN Datasheet
885Kb / 10P
   Common data inputs and outputs
AS6C6264A-70PIN ALSC-AS6C6264A-70PIN Datasheet
885Kb / 10P
   Common data inputs and outputs
AS6C6264A-70SCN ALSC-AS6C6264A-70SCN Datasheet
885Kb / 10P
   Common data inputs and outputs
More results

Similar Description - AS6C6264-55PCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264_1008 LYONTEK-LY6264_1008 Datasheet
287Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com