Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM54C907 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C907
Description  Hex Open Drain N, P-Channel Buffers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C907 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54C907 Datasheet HTML 1Page - National Semiconductor (TI) MM54C907 Datasheet HTML 2Page - National Semiconductor (TI) MM54C907 Datasheet HTML 3Page - National Semiconductor (TI) MM54C907 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delay Time
to a Logical ‘‘0’’
MM54C906MM74C906
VCC e 50V R e 10k
150
ns
VCC e10V R e 10k
75
ns
MM54C907MM74C907
VCC e 50V (Note 4)
150 a 07 RC
ns
VCC e 10V (Note 4)
75 a 07 RC
ns
tpd
Propagation Delay Time
to a Logical ‘‘1’’
MM54C906MM74C906
VCC e 50V (Note 4)
150 a 07 RC
ns
VCC e 10V (Note 4)
75 a 07 RC
ns
MM54C907MM74C907
VCC e 50V R e 10k
150
ns
VCC e 10V R e 10k
75
ns
CIN
Input Capacitance
(Note 2)
50
pF
COUT
Output Capacity
(Note 2)
20
pF
CPD
Power Dissipation Capacity
(Note 3) Per Buffer
30
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application Note
AN-90 (Assumes outputs are open)
Note 4
‘‘C’’ used in calculating propagation includes output load capacity (CL) plus device output capacity (COUT)
Typical Applications
Wire OR Gate
TLF5911 – 4
Note
Can be extended to more than 2 inputs
Wire AND Gate
TLF5911 – 5
Note
Can be extended to more than 2 inputs
CMOS or TTL to PMOS Interface
Note
VCC a VDD s 18V
VCC s 15V
TLF5911 – 6
CMOS or TTL to CMOS at a Higher VCC
TLF5911 – 7
3


Similar Part No. - MM54C907

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C90 NSC-MM54C90 Datasheet
124Kb / 6P
   4-Bit Decade, Binary Counter
logo
Texas Instruments
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
[Old version datasheet]   4-Bit Binary Counter
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
MM54C902 NSC-MM54C902 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
MM54C903 NSC-MM54C903 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
More results

Similar Description - MM54C907

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C906 FAIRCHILD-MM74C906 Datasheet
53Kb / 5P
   Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC07A UTC-U74LVC07A_15 Datasheet
204Kb / 5P
   HEX BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com