Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4-1Q-4LQ-00 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # MP4-1Q-4LQ-00
Description  Up to 1500 Watts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

MP4-1Q-4LQ-00 Datasheet(HTML) 3 Page - Artesyn Technologies

  MP4-1Q-4LQ-00 Datasheet HTML 1Page - Artesyn Technologies MP4-1Q-4LQ-00 Datasheet HTML 2Page - Artesyn Technologies MP4-1Q-4LQ-00 Datasheet HTML 3Page - Artesyn Technologies MP4-1Q-4LQ-00 Datasheet HTML 4Page - Artesyn Technologies MP4-1Q-4LQ-00 Datasheet HTML 5Page - Artesyn Technologies MP4-1Q-4LQ-00 Datasheet HTML 6Page - Artesyn Technologies MP4-1Q-4LQ-00 Datasheet HTML 7Page - Artesyn Technologies MP4-1Q-4LQ-00 Datasheet HTML 8Page - Artesyn Technologies MP4-1Q-4LQ-00 Datasheet HTML 9Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
iMP Data Sheet
Ordering Information
Ordering Notes:
1. The cases and modules of both MP and iMP series can
be interchanged to allow more flexibility. If intelligent
modules are used with non-intelligent cases, a numeric
code “4” is placed at the end of the module code (ex.
4LL0 becomes 4LL4).
2. USB to I2C module order code 73-769-001
7
6 5 4
3 2
1
iMP4
available slots
iMP8
available slots
iMP1
available slots
Parallel Codes
0 = no parallel
1 = 1 & 2
2 = 2 & 3
3 = 3 & 4
4 = 4 & 5
5 = 3 & 4 & 5
6 = 5 & 6
7 = 4 & 5 & 6
8 = 6 & 7
9 = 3 & 4, 6 & 7
A = 1 & 2, 3 & 4, 5 & 6
C = 2 & 3, 4 & 5
E = 3 & 4, 5 & 6
F = 2 & 3, 4 & 5, 6 & 7
iMP1*
-
3L0 - 2E2 - 1Q1 - 4LL0 -
00
-
A
-
###
Case Size (mm)
4 = 2.5” x 5” x 10”; 750 W - 1158 W, 5 Slots
(63.5 x 127 x 254 mm)
8 = 2.5” x 7” x 10”; 1000 W - 1200 W,
6 Slots (63.5 x 177.8 x 254 mm)
1 = 2.5” x 8” x 11”; 1200 W - 1500 W,
7 Slots (63.5 x 203.2 x 279.4 mm)
Module Codes
Module/voltage/option codes
Module codes:
(None) = 36 W triple O/P (1 slot)
1 = 210 W single O/P (1 slot)
2 = 360 W single O/P (2 slot)
3 = 750 W single O/P (3 slot)
4 = 144 W dual O/P (1 slot)
5 = 1500 W single O/P (4 slot)
6 - 9 = future
Case Option Codes
First digit
0 - 9, A - Z parallel code
(See Parallel Codes table above)
Second digit
0 = No options
1 = Reverse air
3 = Global enable
4 = Fan idle with inhibit
5 = Opt 1 + Opt 3
6 = Opt 1 + Opt 4
7 = Opt 3 + Opt 4
8 = Opt 1 +3 +4
9 = RS485 73-544-002
C = Opt 3 + Opt 9
D = CAN BUS 73-544-003
E = Opt 3 + Opt D
Software Code
Voltage Codes:
See Output Module Voltage/Current
table above
Option Codes:
0 = Standard
1 = Module enable
2 = Constant current
3 = 1 & 2 combined
4 = Set for use in standard
(non-intelligent case)
5 = Shutdown mode for 1500 W
6 = 1 & 5 combined
7 - 9 = future
Module/Voltage/Option Codes
First - Module Code
Second - Voltage Code
Third - Option Code
Case Option Codes
Case Size
Factory assembled
for hardware of
firmware mods.
Hardware Code
* Note: Add “E” after iMP4 to denote IEC input option.
e.g. iMP4E (Not available on iMP8 or iMP1)
Software code
used for
configuration
change. “A” is
standard
Output Module Voltage/Current*
Voltage
Voltage
Code
Single Output Module Code
Dual
Output***
Triple Output
I2C
Adjustment
Ranges****
1
2
3
5
4
4
-
-
-
2 V
A
35 A
60 A
150 A
300 A
10 A
10 A
2 A
1.8 - 2.2
2.2 V
B
35 A
60 A
150 A
300 A
10 A
10 A
2 A
2.0 - 2.4
3 V
C
35 A
60 A
150 A
300 A
10 A
10 A
2 A
2.7 - 3.3
3.3 V
D
35 A
60 A
150 A
300 A
10 A
10 A
2 A
3.0 - 3.6
5 V
E
35 A
60 A
150 A
300 A
10 A
10 A
2 A
4.5 - 5.5
5.2 V
F
35 A
60 A
144 A
288 A
10 A
10 A
2 A
4.7 - 5.7
5.5 V
G
34 A
58 A
136 A
273 A
10 A
10 A
2 A
5.0 - 6.1
6.0 V
H
23 A
42 A
97.5 A
250 A
10 A*
10 A*
2 A
5.4 - 6.6
8.0 V
I
20 A
36 A
84.4 A
187.5 A
10 A
4 A
1 A
1 A
1 A
7.2 - 8.8
10 V
J
18 A
32 A
75 A
140 A
10 A
4 A
1 A
1 A
1 A
9.0 - 11.0
11 V
K
17 A
31 A
68 A
136.3A
10 A
4 A
1 A
1 A
1 A
9.9 - 12.1
12 V
L
17 A
30 A
62.5 A
125 A
10 A
4 A
1 A
1 A
1 A
10.8 - 13.2
14 V
M
14 A
21 A
53.5 A
107 A
9 A
4 A
1 A
1 A
1 A
12.6 - 15.4
15 V
N
14 A
20 A
50 A
100 A
8 A
4 A
1 A
1 A
1 A
13.5 - 16.5
18 V
O
11 A
19 A
41.6 A
83.3 A
0.5 A
0.5 A
16.2 - 19.8
20 V
P
10.5 A
18 A
37.5 A
75 A
0.5 A
0.5 A
18.0 - 22.0
24 V
Q
8.5 A
15 A
30 A
62.5 A
4 A
2 A
0.5 A
0.5 A
21.6 - 26.4
28 V
R
6.7 A
11 A
26.8 A
53.5 A
3 A
2 A
0.5 A
0.5 A
25.2 - 30.8
30 V
S
6.5 A
11 A
25 A
50 A
27.0 - 33.0
33 V
T
6.2 A
10.9A
22.7 A
35.8 A
29.7 - 36.3
36 V
U
5.8 A
10 A
20.8 A
35.8 A
32.4 - 39.6
42 V
V
4.2 A
7.5 A
16 A
35.7 A
37.8 - 46.2
48 V
W
4.0 A
7.5 A
15.6 A
31.2 A
43.2 - 52.8
54 V
X
3.7 A
6.0 A
13.9 A
27.7 A
48.6 - 59.4
60 V
Y
3.5 A
6.0 A
12.5 A
25 A
54.0 - 66.0
Contact Factory
Special*
Z
35 A
60 A
150 A
300 A
10 A
2.3 - 2.6
Special*
Z
35 A
60 A
150 A
300 A
10 A
3.7 - 4.4
Special*
Z
20 A
36 A
80 A
140 A
8 A
6.7 - 7.1
* Note: Contact Factory for extended range down to 6 V.
** Increments of current not shown can be achieved by paralleling modules (add currents of each module selected).
*** Total output power on dual model must not exceed 144 W.
**** For single output modules only.


Similar Part No. - MP4-1Q-4LQ-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP4-10B ETC2-MP4-10B Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP4-10C ETC2-MP4-10C Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP4-10G ETC2-MP4-10G Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP4-10L ETC2-MP4-10L Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP4-10R ETC2-MP4-10R Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP4-1Q-4LQ-00

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
logo
Vicor Corporation
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
   Autoranging Rectifier Modules Up to 1500 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
   1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
XP Power Limited
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
   Output Power up to 1500 W
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
logo
XP Power Limited
HPU1K5 XPPOWER-HPU1K5_16 Datasheet
784Kb / 4P
   1500 Watts HPU1K5 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com