Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R474F14705001K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R474F14705001K
Description  Film, Metallized Polypropylene, Safety, R47_X2, 4700 pF, 10%, 1,000 V, 440 V, 110C, Lead Spacing = 10mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R474F14705001K Datasheet(HTML) 1 Page - Kemet Corporation

  R474F14705001K_17 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 43e94d7c-9a60-4fc5-9b03-618e6f8d90f3
KEMET Part Number: R474F14705001K
Film, Metallized Polypropylene, Safety, R47_X2, 4700 pF, 10%, 1,000 V, 440 V, 110C, Lead Spacing = 10mm
Dimensions
L
13mm +0.2mm
H
9mm +0.1mm
T
4mm +0.2mm
S
10mm +/-0.4mm
LL
25mm +2/-1mm
F
0.6mm +/-0.05mm
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 1800
General Information
Dielectric: Metallized Polypropylene
Style: Radial
Series: R47_X2
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Approvals: AEC-Q200, ENEC, UL, cUL
AEC-Q200: Yes
Specifications
Capacitance: 4700 pF
Capacitance Tolerance: 10%
Voltage DC: 1000 VDC
Voltage AC: 440 VAC
Temperature Range: -40/+110C
Rated Temperature: 110C
Dissipation Factor: 0.1% 1kHz
Insulation Resistance: 100 GOhms
Max dVdt: 750 V
Safety Class: X2
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R474F14705001K_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R474F14705001K KEMET-R474F14705001K Datasheet
55Kb / 1P
   Capacitor, film, Metallized Polypropylene, 4700 pF, /-10% Tol, -40/110C, Safety: X2, 440 VAC, Lead Spacing=10 mm
More results

Similar Description - R474F14705001K_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R474R32205001K KEMET-R474R32205001K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R47_X2, 0.22 uF, 10%, 1,000 V, 440 V, 110C, Lead Spacing = 27.5mm
R413F147040M1M KEMET-R413F147040M1M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 4700 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 10mm
R413F147000M1M KEMET-R413F147000M1M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 4700 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 10mm
R475N24705002K KEMET-R475N24705002K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R47_X2, 0.047 uF, 10%, 1,000 V, 520 V, 110C, Lead Spacing = 22.5mm
R413I14700000M KEMET-R413I14700000M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 4700 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 15mm
R413I14705000M KEMET-R413I14705000M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 4700 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 15mm
R413F133040M1M KEMET-R413F133040M1M_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 3300 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 10mm
R413F1220DQ00M KEMET-R413F1220DQ00M Datasheet
59Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 2200 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 10mm
R413F133000M1M KEMET-R413F133000M1M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 3300 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 10mm
R413F11000000M KEMET-R413F11000000M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R41, 1000 pF, 20%, 1,000 V, 300 V, 110C, Lead Spacing = 10mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com