Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM4623XD2N13C8YZZ Datasheet(PDF) 4 Page - Vicor Corporation

Part # DCM4623XD2N13C8YZZ
Description  OV, OC, UV, short circuit and thermal protection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM4623XD2N13C8YZZ Datasheet(HTML) 4 Page - Vicor Corporation

  DCM4623XD2N13C8YZZ Datasheet HTML 1Page - Vicor Corporation DCM4623XD2N13C8YZZ Datasheet HTML 2Page - Vicor Corporation DCM4623XD2N13C8YZZ Datasheet HTML 3Page - Vicor Corporation DCM4623XD2N13C8YZZ Datasheet HTML 4Page - Vicor Corporation DCM4623XD2N13C8YZZ Datasheet HTML 5Page - Vicor Corporation DCM4623XD2N13C8YZZ Datasheet HTML 6Page - Vicor Corporation DCM4623XD2N13C8YZZ Datasheet HTML 7Page - Vicor Corporation DCM4623XD2N13C8YZZ Datasheet HTML 8Page - Vicor Corporation DCM4623XD2N13C8YZZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
1
2
A
B
C
D
E
D’
C’
B’
+IN
+OUT
TOP VIEW
4623 ChiP Package
A’
FT
EN
+OUT
-OUT
-OUT
-IN
TR
Pin Configuration
Pin Descriptions
Pin
Number
Signal Name
Type
Function
A1
+IN
INPUT POWER
Positive input power terminal
B1
TR
INPUT
Enables and disables trim functionality. Adjusts output voltage when trim active.
C1
EN
INPUT
Enables and disables power supply
D1
FT
OUTPUT
Fault monitoring
E1
-IN
INPUT POWER
RETURN
Negative input power terminal
A’2, C’2
+OUT
OUTPUT POWER
Positive output power terminal
B’2, D’2
-OUT
OUTPUT POWER
RETURN
Negative output power terminal
DCMDC-DC Converter
Rev 1.0
vicorpower.com
Page 4 of 25
09/2016
800 927.9474
DCM4623xD2N13C8yzz


Similar Part No. - DCM4623XD2N13C8YZZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM4623XD2N13C8YZZ VICOR-DCM4623XD2N13C8YZZ Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM4623XD2N13C8YZZ VICOR-DCM4623XD2N13C8YZZ_17 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM4623XD2N13C8YZZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
   Thermal and short-circuit protection
ST1S15 STMICROELECTRONICS-ST1S15 Datasheet
1Mb / 27P
   Short-circuit and thermal protection
February 2015 Rev 4
logo
Analog Devices
LTC4368 AD-LTC4368 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Linear Technology
LTC4368 LINER-LTC4368 Datasheet
283Kb / 6P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Infineon Technologies A...
TLE8209-4SA INFINEON-TLE8209-4SA Datasheet
703Kb / 38P
   Short circuit and overtemperature protection
logo
Laird Tech Smart Techno...
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com