Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA179L00 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA179L00
Description  3-terminal Negative Fixed Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA179L00 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA179L00 Datasheet HTML 1Page - Hitachi Semiconductor HA179L00 Datasheet HTML 2Page - Hitachi Semiconductor HA179L00 Datasheet HTML 3Page - Hitachi Semiconductor HA179L00 Datasheet HTML 4Page - Hitachi Semiconductor HA179L00 Datasheet HTML 5Page - Hitachi Semiconductor HA179L00 Datasheet HTML 6Page - Hitachi Semiconductor HA179L00 Datasheet HTML 7Page - Hitachi Semiconductor HA179L00 Datasheet HTML 8Page - Hitachi Semiconductor HA179L00 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HA179L00 Series
5
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
HA179L00P,
HA179L00 Series
HA179L00U Series
Unit
Input voltage
V
IN
–35
–35
V
Max power dissipation
P
T*
1
800*
2
800*
2
mW
Operating ambient temperature
Topr
–20 to +85
–20 to +85
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Notes: 1. Ta
≤ 25°C, If Ta > 25°C, derate by 6.4 mW/°C
2. 15 mm
× 25 mm × 0.7 mm glass epoxy board, Ta ≤ 25°C
1,200
1,000
800
600
400
200
0
0
25
50
75
100 125 150
(2)
Ambient Temperature Ta (
°C)
(1)
(2)
HA179L00P, HA179L00, HA179L00U
15 mm
× 25 mm × 0.7 mm glass epoxy board
HA179L00U at non-mounted
(1)


Similar Part No. - HA179L00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
More results

Similar Description - HA179L00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com