Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM384P120M1K5AC1 Datasheet(PDF) 8 Page - Vicor Corporation

Part # BCM384P120M1K5AC1
Description  Up to 1500 W continuous output power
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384P120M1K5AC1 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button BCM384P120M1K5AC1 Datasheet HTML 4Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 5Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 6Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 7Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 8Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 9Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 10Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 11Page - Vicor Corporation BCM384P120M1K5AC1 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
BCM® Bus Converter
Rev 1.4
vicorpower.com
Page 8 of 23
05/2015
800 927.9474
BCM384y120x1K5AC1
Reported Characteristics
Specifications apply over all line, load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.
Monitored Telemetry
• The BCM communication version is not intended to be used without a Digital Supervisor.
ATTRIBUTE
DIGITAL SUPERVISOR
PMBusTM READ COMMAND
ACCURACY
(RATED RANGE)
FUNCTIONAL
REPORTING RANGE
UPDATE
RATE
REPORTED UNITS
Input voltage
(88h) READ_VIN
± 5% ( LL - HL )
130 V to 450 V
100 µs
VACTUAL = VREPORTED x 10-1
Input current
(89h) READ_IIN
± 5% ( 10 - 133% of FL)
- 0.85 A to 5.9 A
100 µs
IACTUAL = IREPORTED x 10-3
Output voltage[1]
(8Bh) READ_VOUT
± 5% ( LL - HL )
4.25 V to 14 V
100 µs
VACTUAL = VREPORTED x 10-1
Output current
(8Ch) READ_IOUT
± 5% ( 10 - 133% of FL )
- 27 A to 190 A
100 µs
IACTUAL = IREPORTED x 10-2
Output resistance
(D4h) READ_ROUT
± 5% ( 50 - 100% of FL)
1.0 mΩ to 3.0 mΩ
100 ms
RACTUAL = RREPORTED x 10-5
Temperature[2]
(8Dh) READ_TEMPERATURE_1
± 7°C ( Full Range)
- 55ºC to 130ºC
100 ms
TACTUAL = TREPORTED
Variable Parameter
• Factory setting of all below Thresholds and Warning limits are 100% of listed protection values.
• Variables can be written only when module is disabled either EN pulled low or VIN < VIN_UVLO-.
• Module must remain in a disabled mode for 3 ms after any changes to the below variables allowing ample time to commit changes to EEPROM.
ATTRIBUTE
DIGITAL SUPERVISOR
PMBusTM COMMAND [3]
CONDITIONS / NOTES
ACCURACY
(RATED RANGE)
FUNCTIONAL
REPORTING
RANGE
DEFAULT
VALUE
Input / Output Overvoltage
Protection Limit
(55h) VIN_OV_FAULT_LIMIT
VIN_OVLO- is automatically 3%
lower than this set point
± 5% ( LL - HL )
130 V to 435 V
100%
Input / Output Overvoltage
Warning Limit
(57h) VIN_OV_WARN_LIMIT
± 5% ( LL - HL )
130 V to 435 V
100%
Input / Output Undervoltage
Protection Limit
(D7h) DISABLE_FAULTS
Can only be disabled to a preset
default value
± 5% ( LL - HL )
130 V or 260 V
100%
Input Overcurrent
Protection Limit
(5Bh) IIN_OC_FAULT_LIMIT
± 5% ( 10 - 133% of FL)
0 to 5.25 A
100%
Input Overcurrent
Warning Limit
(5Dh) IIN_OC_WARN_LIMIT
± 5% ( 10 - 133% of FL)
0 to 5.25 A
100%
Overtemperature Protection
Limit
(4Fh) OT_FAULT_LIMIT
± 7°C ( Full Range)
0 to 125°C
100%
Overtemperature
Warning Limit
(51h) OT_WARN_LIMIT
± 7°C ( Full Range)
0 to 125°C
100%
Turn on Delay
(60h) TON_DELAY
Additional time delay to the
Undervoltage Startup Delay
± 50 µs
0 to 100 ms
0 ms
[3] Refer to Digital Supervisor datasheet for complete list of supported commands.
[1] Default READ Output Voltage returned when unit is disabled = -300 V.
[2] Default READ Temperature returned when unit is disabled = -273°C.


Similar Part No. - BCM384P120M1K5AC1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM384P120M1K5AC1 VICOR-BCM384P120M1K5AC1 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM384P120M1K5AC1

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
   Output Power up to 1500 W
logo
CUI INC
PBK-3 CUI-PBK-3 Datasheet
746Kb / 9P
   up to 3 W continuous output
SWI25-E CUI-SWI25-E Datasheet
439Kb / 4P
   up to 25.2 W continuous power
SWI10-N CUI-SWI10-N Datasheet
550Kb / 5P
   up to 12 W continuous power
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
logo
CUI INC
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
   AC-DC POWER SUPPLY up to 25 W continuous output
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
   up to 250 W continuous power w/ 16 CFM forced air
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
   Up to 1600 W output power
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
   Up to 200 W Output Power
logo
CUI INC
VHB350-D48-S24 CUI-VHB350-D48-S24 Datasheet
216Kb / 4P
   up to 350 W isolated output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com