Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM352X110Y300B00 Datasheet(PDF) 11 Page - Vicor Corporation

Part # BCM352X110Y300B00
Description  High power density
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM352X110Y300B00 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button BCM352X110Y300B00 Datasheet HTML 7Page - Vicor Corporation BCM352X110Y300B00 Datasheet HTML 8Page - Vicor Corporation BCM352X110Y300B00 Datasheet HTML 9Page - Vicor Corporation BCM352X110Y300B00 Datasheet HTML 10Page - Vicor Corporation BCM352X110Y300B00 Datasheet HTML 11Page - Vicor Corporation BCM352X110Y300B00 Datasheet HTML 12Page - Vicor Corporation BCM352X110Y300B00 Datasheet HTML 13Page - Vicor Corporation BCM352X110Y300B00 Datasheet HTML 14Page - Vicor Corporation BCM352X110Y300B00 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
BCM® Bus Converter
Rev 1.2
vicorpower.com
Page 11 of 21
08/2016
800 927.9474
BCM352x110y300B00
Figure 14 — Start up from application of PC;
Vin pre-applied Cout = 1200µF
Figure 13 — Full load ripple, 2.2µF Cin: No external Cout, Board
mounted module, scope setting : 20MHz analog BW
Figure 16 — 28.5A – 0A transient response: Cin = 2.2µF,
Iin measured prior to Cin, no external Cout
Figure 15 — 0A – 28.5A transient response: Cin = 2.2µF,
Iin measured prior to Cin , no external Cout
Application Characteristics (Cont.)


Similar Part No. - BCM352X110Y300B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM352X125Y300A00 VICOR-BCM352X125Y300A00 Datasheet
869Kb / 21P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM352X110Y300B00

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
   High Power Density
logo
Wall Industries,Inc.
HVIB WALL-HVIB Datasheet
328Kb / 11P
   High Power Density
logo
Ohmite Mfg. Co.
ARF OHMITE-ARF Datasheet
250Kb / 2P
   High power density
logo
List of Unclassifed Man...
AUIRF8739L2 ETC2-AUIRF8739L2 Datasheet
708Kb / 2P
   High Power Density
logo
Ohmite Mfg. Co.
ACL-ARF OHMITE-ACL-ARF Datasheet
250Kb / 2P
   High power density
logo
XP Power Limited
AML120 XPPOWER-AML120 Datasheet
143Kb / 2P
   High Power Density
logo
Zowie Technology Corpor...
1.5SMPC ZOWIE-1.5SMPC Datasheet
122Kb / 3P
   High power density 1.5KW TVS
4.5SMCC16AH ZOWIE-4.5SMCC16AH Datasheet
73Kb / 2P
   High power density 4500W TVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com