Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS550HE-3-002 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DS550HE-3-002
Description  Distributed Power System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS550HE-3-002 Datasheet(HTML) 4 Page - Artesyn Technologies

  DS550HE-3-002 Datasheet HTML 1Page - Artesyn Technologies DS550HE-3-002 Datasheet HTML 2Page - Artesyn Technologies DS550HE-3-002 Datasheet HTML 3Page - Artesyn Technologies DS550HE-3-002 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 03.02.10_70
DS450HE-3/DS550HE-3
4 of 4
Embedded Power for
Business-Critical Continuity
DC Output Connector Pinout Assignment
D1 D2 D3 D4 D5 D6
PB1 PB2 PB3 PB4 PB5 PB6
C1
C2
C3
C4
C5
C6
B1
B2
B3
B4
B5
B6
A1
A2
A3
A4
A5
A6
Male connector as viewed from the rear of the supply:
P1 - Power Supply Side
1. FCI Power Blade 51721 series
51721-10002406AA
2. Molex Power Connector
SD-87667 series
87667-7002
Mating Connector (System Side)
1.FCI Power Blade
51741-10002406CC
Strait Pins
2.FCI Power Blade
51761-10002406AA
Right Angle
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.Emerson.com/EmbeddedPower
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2010 Emerson Electric Co.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power
Pin
Signal Name
PB 1
+12 V Return
PB 2
+12 V Return
PB 3
+12 V Return
PB 4
+12 V
PB 5
+12 V
PB 6
+12 V
A1
PS_KILL
A2
+12 V_Current Share
A3
Logic Return
A4
Write Protect
A5
A0 (I2C Address BIT 0 Signal)
A6
+3.3V Stand-By
B1
Logic Return
B2
12V Sense Return
B3
Logic Return
B4
+3.3 V Stand-By
B5
SDA (I2C Data Signal)
B6
PSON (Power Enable Signal)
C1
Logic Return
C2
Tach_1 (Fan Fail Signal)
C3
Logic Return
C4
+3.3 V Stand-By
C5
SCL (I2C Clock Signal)
C6
VIN_GOOD (AC Input present)
D1
-PS_Present (Power Supply Seated)
D2
+12 V Sense
D3
Logic Return
D4
+3.3 V Stand-By
D5
S_INT (Alert)
D6
POK (Output Power Ok)


Similar Part No. - DS550HE-3-002

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS550HE-3 ARTESYN-DS550HE-3 Datasheet
320Kb / 4P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - DS550HE-3-002

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
   Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
   Distributed Power System
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
   Distributed Power System
logo
Emerson Network Power
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
   Distributed Power System
logo
Artesyn Technologies
DS1200HE-3-002 ARTESYN-DS1200HE-3-002 Datasheet
211Kb / 9P
   Distributed Power System
logo
Emerson Network Power
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
   Distributed Power System
DS850-3 EMERSON-NETWORKPOWER-DS850-3 Datasheet
126Kb / 4P
   Distributed Power System
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3 Datasheet
525Kb / 4P
   Distributed Power System
DS450-3 EMERSON-NETWORKPOWER-DS450-3_09 Datasheet
372Kb / 4P
   Distributed Power System
DS1500-3 EMERSON-NETWORKPOWER-DS1500-3 Datasheet
274Kb / 4P
   Distributed Power System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com