Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA18-150US-M Datasheet(PDF) 5 Page - Artesyn Technologies

Part # DA18-150US-M
Description  DA18-M Series 18 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA18-150US-M Datasheet(HTML) 5 Page - Artesyn Technologies

  DA18-150US-M Datasheet HTML 1Page - Artesyn Technologies DA18-150US-M Datasheet HTML 2Page - Artesyn Technologies DA18-150US-M Datasheet HTML 3Page - Artesyn Technologies DA18-150US-M Datasheet HTML 4Page - Artesyn Technologies DA18-150US-M Datasheet HTML 5Page - Artesyn Technologies DA18-150US-M Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DA18-M Series Data Sheet
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ± .02”.
3. Weight: 0.25 lb/0.114 kg
4. Warranty: 2 years
Mechanical Drawings
59”
(1500)
2.36”
(60)
1.10”
(28)
1.58”
(40.18)
DA-US
DA-UK
DA-EU
DA-AU
DA-CH
DA-JP
DA-KR
DA-C8
*Can be inserted straight or 90˚
*Can be inserted straight or 90˚
*Can be inserted straight or 90˚
*Can be inserted straight or 90˚
DA18-MP Interchangeable Plug Adapter


Similar Part No. - DA18-150US-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA18-M ARTESYN-DA18-M Datasheet
2Mb / 6P
   Thermal protection
More results

Similar Description - DA18-150US-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APE12 ASTEC-APE12 Datasheet
356Kb / 2P
   18 Watts
logo
Emerson Network Power
LPQ202-M EMERSON-NETWORKPOWER-LPQ202-M Datasheet
829Kb / 3P
   LPQ200-M Series 200 Watts
logo
Qualtek Electronics Cor...
QADA-18 QUALTEK-QADA-18 Datasheet
301Kb / 2P
   18 Watts Single Output Desktop
logo
Bothhand USA, LP.
A1-15S05 BOTHHAND-A1-15S05 Datasheet
46Kb / 2P
   15~18 Watts Switching Adapter
logo
Tumbler Technologies + ...
W3 TRUMPOWER-W3 Datasheet
33Kb / 1P
   10 & 18 Watts Wall Mount Adapters
W3-05-10 TRUMPOWER-W3-05-10 Datasheet
33Kb / 1P
   10 & 18 Watts Wall Mount Adapters
logo
Qualtek Electronics Cor...
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
logo
Microsemi Corporation
1000MP MICROSEMI-1000MP Datasheet
115Kb / 3P
   0.6 Watts, 18 Volts 1150 MHz
logo
Qualtek Electronics Cor...
QFWB-18 QUALTEK-QFWB-18 Datasheet
281Kb / 2P
   18 Watts Single Output Wall Mount
1321025-10 QUALTEK-1321025-10 Datasheet
540Kb / 1P
   DVI(185)P/M - DVI(185)P/M
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com