Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPP10K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GPP10K
Description  Glass Passivated Junction Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GPP10K Datasheet(HTML) 1 Page - Vishay Siliconix

  GPP10K Datasheet HTML 1Page - Vishay Siliconix GPP10K Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPP10A thru GPP10M
Vishay Semiconductors
formerly General Semiconductor
Document Number 88641
www.vishay.com
18-Mar-02
1
New Product
Glass Passivated Junction Rectifiers
Reverse Voltage
50 to 1000V
Forward Current 1.0A
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
GPP
GPP
GPP
GPP
GPP
GPP
GPP
Parameter
Symbol
10A
10B
10D
10G
10J
10K
10M
Unit
* Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
* Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
* Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
* Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
1.0
A
* Peak forward surge current 8.3ms single half sine-wave
IFSM
30
A
superimposed on rated load (JEDEC Method)
* Maximum full load reverse current, full cycle
average 0.375" (9.5mm) lead length TA = 75°C
IR(AV)
30
µA
Typical thermal resistance(1)
R
θJA
50
°C/W
R
θJL
25
* Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Maximum instantaneous forward voltage at 1.0A
VF
1.1
V
* Maximum DC reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 100°C
IR
50
µA
Maximum junction capacitance at 4.0V, 1MHz
CJ
15
pF
Notes: (1) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
*JEDEC registered values
DO-204AL (DO-41)
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Glass passivated junction
• Capable of meeting environmental standards of
MIL-S-19500
• 1.0A operation at TA = 75°C with no thermal runaway
• Typical IR less than 0.1
µA
Mechanical Data
Case: JEDEC DO-204AL, molded plastic over glass
passivated chip
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
High temperature soldering guaranteed: 250°C/10 seconds,
0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 oz., 0.3 g
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
Dimensions in inches
and (millimeters)


Similar Part No. - GPP10K

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GPP10K CHENG-YI-GPP10K Datasheet
131Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
GPP10K VISHAY-GPP10K Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 28-Oct-09
logo
Shenzhen Taychipst Elec...
GPP10K TAYCHIPST-GPP10K Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP10K VISHAY-GPP10K Datasheet
70Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 13-Aug-13
logo
SUNMATE electronic Co.,...
GPP10K SUNMATE-GPP10K Datasheet
308Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
More results

Similar Description - GPP10K

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5391G-1N5399G SURGE-1N5391G-1N5399G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
GOOD-ARK Electronics
1G1 GOOD-ARK-1G1_15 Datasheet
116Kb / 2P
   Glass Passivated Junction Rectifiers
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
15-Mar-02
logo
Compact Technology Corp...
1N4001G CTC-1N4001G_15 Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
1N4001G CTC-1N4001G Datasheet
50Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Vishay Siliconix
GP10A VISHAY-GP10A Datasheet
30Kb / 2P
   Glass Passivated Junction Rectifiers
5-Mar-02
logo
Cystech Electonics Corp...
RL207G CYSTEKEC-RL207G Datasheet
161Kb / 3P
   Glass Passivated Junction Rectifiers
logo
Compact Technology Corp...
CT2A01G CTC-CT2A01G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Surge Components
1N4001G-1N4007G SURGE-1N4001G-1N4007G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com