Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA5-050CH-B Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DA5-050CH-B
Description  DA5-050 Series 5 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA5-050CH-B Datasheet(HTML) 2 Page - Artesyn Technologies

  DA5-050CH-B Datasheet HTML 1Page - Artesyn Technologies DA5-050CH-B Datasheet HTML 2Page - Artesyn Technologies DA5-050CH-B Datasheet HTML 3Page - Artesyn Technologies DA5-050CH-B Datasheet HTML 4Page - Artesyn Technologies DA5-050CH-B Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DA5 Series Data Sheet
Ordering Information
Model Number
Input Voltage Range
Output Voltage
Minimum Load
Maximum Load
DA5-050US-B/-W
90 - 264 Vac
5 V
0 A
1 A
DA5-050CH-B
90 - 264 Vac
5 V
0 A
1 A
DA5-050EU-B
90 - 264 Vac
5 V
0 A
1 A
DA5-050UK-B
90 - 264 Vac
5 V
0 A
1 A
-B = Black
-W = White
Mechanical Drawings - DA5-050 US
Note: All dimensions in mm.


Similar Part No. - DA5-050CH-B

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA5-050CH-B ARTESYN-DA5-050CH-B Datasheet
700Kb / 5P
   High average loading efficiency 76%
More results

Similar Description - DA5-050CH-B

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DCH5-050EU ARTESYN-DCH5-050EU Datasheet
1Mb / 4P
   DCH5 Series 5 Watts
logo
Anaren Microwave
100200-4Y100-2 ANAREN-100200-4Y100-2 Datasheet
163Kb / 2P
   5 Watts
logo
Astec America, Inc
AA05E ASTEC-AA05E Datasheet
101Kb / 2P
   5 Watts
logo
XP Power Limited
ECL05 XPPOWER-ECL05 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
logo
Omron Electronics LLC
E32DC200E OMRON-E32DC200E Datasheet
3Mb / 31P
   530 Watts ECL Series
logo
XP Power Limited
ECL15UD01-S XPPOWER-ECL15UD01-S Datasheet
450Kb / 6P
   530 Watts ECL Series
ECE05US03 XPPOWER-ECE05US03 Datasheet
158Kb / 2P
   5/10 Watts ECE Series
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
   5/10 Watts
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
logo
List of Unclassifed Man...
FDC05 ETC1-FDC05 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com