Electronic Components Datasheet Search |
|
V2F126A500Y1FTP Datasheet(PDF) 1 Page - AVX Corporation |
|
V2F126A500Y1FTP Datasheet(HTML) 1 Page - AVX Corporation |
1 / 7 page 83 080216 TransFeed AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip GENERAL DESCRIPTION AVX has combined the best electrical characteristics of its TransGuard ® Transient Voltage Suppressors (TVS) and its Feedthru Capacitors into a single chip for state-of-the-art overvoltage circuit protection and EMI reduction over a broad range of frequencies. This unique combination of multilayer ceramic construction in a feedthru configuration gives the circuit designer a single 0805 chip that responds to transient events faster than any TVS device on the mar- ket today, and provides significant EMI attenuation when in the off-state. The reduction in parallel inductance, typical of the feedthru chip construction when compared to the construction of standard TVS or ceramic capacitor chips, gives the TransFeed product two very important electrical advan- tages: (1) faster “turn-on” time. Calculated response times of <200 pSec are not unusual with this device, and mea- sured response times range from 200 – 250 pSec. The TransFeed “turn-on” characteristic is less than half that of an equivalent TransGuard ® part — and TransGuards® clamp transient voltages faster than any other bipolar TVS solution such as diodes; (2) the second electrical advantage of lower parallel inductance, coupled with optimal series inductance, is the enhanced attenuation characteristics of the TransFeed product. Not only is there significantly greater attenuation at a higher self-resonance frequency, but the roll-off characteristic becomes much flatter, result- ing in EMI filtering over a much broader frequency spec- trum. Typical applications include filtering/protection on Microcontroller I/O Lines, Interface I/O Lines, Power Line Conditioning and Power Regulation. Schematic Diagram Electrical Model IN OUT IN LS LS RV C RP RON LP OUT GENERAL CHARACTERISTICS • Operating Teperature: -55°C to +125°C • Working Voltage: 5.6Vdc - 26 Vdc • Case Size: 0805 • Energy Rating: 0.05 - 0.3J • Current: 20 - 120A • Max Feedthru Current: 0.5 - 1A TYPICAL APPLICATIONS • Fingerprint ID Circuit • Magnetic Field Circuit • LCD Dashboard Driver Where designers are concerned with both transient voltage protection and EMI atten- uation, either due to the electrical perfor- mance of their circuits or due to required compliance to specific EMC regulations, the TransFeed product is an ideal choice. APPLICATIONS • Bi-directional TVS • Narrow band, high attenuation filter • EMI Filtering over broader frequency range • Fastest Response Time to ESD Strikes |
Similar Part No. - V2F126A500Y1FTP |
|
Similar Description - V2F126A500Y1FTP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |