Electronic Components Datasheet Search |
|
VGAS222066H570DP Datasheet(PDF) 1 Page - AVX Corporation |
|
VGAS222066H570DP Datasheet(HTML) 1 Page - AVX Corporation |
1 / 2 page 70 012317 Glass Encapsulated TransGuard ® Automotive Series Multilayer Varistors for Automotive Applications GENERAL DESCRIPTION The Glass Encapsulated TransGuard ® Automotive Series are zinc oxide (ZnO) based ceramic semiconductor devices with non-linear, bi-directional voltage-current characteristics. They have the advantage of offering bi-directional overvoltage protection as well as EMI/RFI attenuation in a single SMT package. The Automotive Series high current and high energy handling capability make them well suited for protection against automotive related transients. These large case size parts extend TransGuard range into high energy applications. In addition the glass encapsulation provides enhanced resistance against harsh environment or process such as acidic environment, salts or chlorite flux. PHYSICAL DIMENSIONS: mm (inches) Size (EIA) Length (L) Width (W) Max Thickness (T) Land Length (t) 1206 3.20±0.20 1.60±0.20 1.70 0.94 max. (0.126±0.008) (0.063±0.008) (0.067) (0.037 max.) 1210 3.20±0.20 2.49±0.20 1.70 0.14 max. (0.126±0.008) (0.098±0.008) (0.067) (0.045 max.) 1812 4.50±0.30 3.20±0.30 2.00 1.00 max. (0.177±0.012) (0.126±0.012) (0.079) (0.040 max.) 2220 5.70±0.40 5.00±0.40 2.50 1.00 max. (0.224±0.016) (0.197±0.016) (0.098) (0.040 max.) 3220 8.20±0.40 5.00±0.40 2.50 max. 1.30 max. (0.323±0.016) (0.197±0.016) (0.098 max.) (0.051 max.) FEATURES • High Reliability • High Energy Absorption (Load Dump) • High Current Handling • Bi-Directional protection • EMI/RFI attenuation in off-state • Multi-strike capability • Sub 1nS response to ESD strike • AEC Q200 Qualified APPLICATIONS • Various Automotive Applications • Internal Combustion Engine (ICE) Vehicles • Hybrid Electric Vehicles (HEV) • Plug-in Hybrid Electric Vehicles (PHEV) • Commercial Vehicles • Sensors • DC Motor • LIN BUS • Relays • ECU • and more • Applications where Glass Encapsulation is needed for Harsh Environment/Acid- Resistance GENERAL CHARACTERISTICS • Operating Temperature: -55ºC to 125ºC • Case Size: 1206-2200 • Working Voltage: 16-65Vdc • Energy: 07-12J • Peak Current: 200-2000A V Varistor G Glass Encapsulate Chip AS Automotive Series 1812 Chip Size 1206 1210 1812 2220 3220 16 Working Voltage 16 = 16Vdc 18 = 18Vdc 22 = 22Vdc 26 = 26Vdc 30 = 30Vdc 31 = 31Vdc 34 = 34Vdc 42 = 42Vdc 48 = 48Vdc 60 = 60Vdc 65 = 65Vdc P Engergy Rating D = 0.4J F = 0.7J H = 1.2J J = 1.6J K = 0.6J N = 1.1J S = 2.0J P = 2.5-3.7J U = 4.0-5.0J Y = 6.5-12J 400 Clamping Voltage 390 = 40V 400 = 42V 440 = 44V 490 = 49V 540 = 54V 560 = 60V 570 = 57V 650 = 65V 770 = 77V 900 = 90V 101 = 100V 121 = 120V 131 = 135V R Package D = 7" reel R = 7" reel T = 13" reel P Termination P = Ni/Sn plated HOW TO ORDER |
Similar Part No. - VGAS222066H570DP |
|
Similar Description - VGAS222066H570DP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |