Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G901T24U Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G901T24U
Description  3.3 V 300MA LOW DROPOUT REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G901T24U Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G901T24U Datasheet HTML 1Page - List of Unclassifed Manufacturers G901T24U Datasheet HTML 2Page - List of Unclassifed Manufacturers G901T24U Datasheet HTML 3Page - List of Unclassifed Manufacturers G901T24U Datasheet HTML 4Page - List of Unclassifed Manufacturers G901T24U Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ver: 1.0
Mar 22, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G901
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN=5V , CIN=1µF , COUT =10µF, TA=25°C , unless otherwise noted.)
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
0
50
100
150
200
250
300
Load Current (mA)
3.250
3.270
3.290
3.310
3.330
3.350
3.370
3.390
3.410
0
50
100
150
200
250
300
Load Current (mA)
0
100
200
300
400
500
600
700
0
50
100
150
200
250
300
Load Current (mA)
Line Transient
Load Transient
Output Voltage vs. Load Current
Ch1: Vout (offset=3.30V)
Ch2: Vin (offset=5.0V)
Iout=100mA
Ch1: Iout (400mA/div)
Ch2: Vout (offset=3.30V)
Dropout Voltage vs. Load Current
Ground Current vs. Load Current


Similar Part No. - G901T24U

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G9012 GTM-G9012 Datasheet
163Kb / 2P
   PNP EPITAXIAL TRANSISTOR
logo
E-Tech Electronics LTD
G9012 ETL-G9012 Datasheet
164Kb / 2P
   The G9012 is designed for use in 1W output amplifier of portable radios in class B push-pull operation.
logo
GTM CORPORATION
G9013 GTM-G9013 Datasheet
174Kb / 3P
   NPN EPITAXIAL TRANSISTOR
logo
E-Tech Electronics LTD
G9013 ETL-G9013 Datasheet
178Kb / 3P
   The G9013 is designed for use in 1W output amplifier of portable radios in class B push-pull operation
logo
GTM CORPORATION
G9014 GTM-G9014 Datasheet
182Kb / 3P
   NPN EPITAXIAL TRANSISTOR
More results

Similar Description - G901T24U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7628 ETC1-AMC7628 Datasheet
254Kb / 10P
   300mA Low DropOut Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102_1 Datasheet
171Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com