Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCAS323038H400TP Datasheet(PDF) 6 Page - AVX Corporation

Part # VCAS323038H400TP
Description  Multilayer Varistors for Automotive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS323038H400TP Datasheet(HTML) 6 Page - AVX Corporation

Back Button VCAS323038H400TP Datasheet HTML 2Page - AVX Corporation VCAS323038H400TP Datasheet HTML 3Page - AVX Corporation VCAS323038H400TP Datasheet HTML 4Page - AVX Corporation VCAS323038H400TP Datasheet HTML 5Page - AVX Corporation VCAS323038H400TP Datasheet HTML 6Page - AVX Corporation VCAS323038H400TP Datasheet HTML 7Page - AVX Corporation VCAS323038H400TP Datasheet HTML 8Page - AVX Corporation VCAS323038H400TP Datasheet HTML 9Page - AVX Corporation VCAS323038H400TP Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
19
012317
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
FORWARD TRANSMISSION CHARACTERISTICS (S21)
5
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
1
18A - 730 MHz
26A - 550 MHz
30A - 665 MHz
100
1000
10000
Frequency (MHz)
10
0603 Case Size
5
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
1
18A - 730 MHz
26A - 550 MHz
30A - 665 MHz
100
1000
10000
Frequency (MHz)
10
0603 Case Size
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
1
18C - 300 MHz
26A - 555 MHz
26C - 460 MHz
30A - 530 MHz
30C - 390 MHz
38C - 430 MHz
100
1000
10000
Frequency (MHz)
10
0805 Case Size


Similar Part No. - VCAS323038H400TP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS040205X150 AVX-VCAS040205X150 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VCAS040209X200 AVX-VCAS040209X200 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VCAS040214X300 AVX-VCAS040214X300 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VCAS040218X400 AVX-VCAS040218X400 Datasheet
669Kb / 8P
   TransGuard Automotive Series
VCAS040218X400 AVX-VCAS040218X400 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
More results

Similar Description - VCAS323038H400TP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS060318A400DP AVX-VCAS060318A400DP Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VGAS181216P400RP AVX-VGAS181216P400RP Datasheet
116Kb / 2P
   Multilayer Varistors for Automotive Applications
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
Littelfuse
V30MLA0805LNA LITTELFUSE-V30MLA0805LNA Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Automotive Series
V9MLA0603LNR LITTELFUSE-V9MLA0603LNR Datasheet
1,013Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Automotive Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com