Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V2F105A500Y3ETP Datasheet(PDF) 1 Page - AVX Corporation

Part # V2F105A500Y3ETP
Description  TransFeed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

V2F105A500Y3ETP Datasheet(HTML) 1 Page - AVX Corporation

  V2F105A500Y3ETP Datasheet HTML 1Page - AVX Corporation V2F105A500Y3ETP Datasheet HTML 2Page - AVX Corporation V2F105A500Y3ETP Datasheet HTML 3Page - AVX Corporation V2F105A500Y3ETP Datasheet HTML 4Page - AVX Corporation V2F105A500Y3ETP Datasheet HTML 5Page - AVX Corporation V2F105A500Y3ETP Datasheet HTML 6Page - AVX Corporation V2F105A500Y3ETP Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
83
080216
TransFeed
AVX Multilayer Ceramic Transient Voltage Suppressors
TVS Protection and EMI Attenuation in a Single Chip
GENERAL DESCRIPTION
AVX has combined the best electrical characteristics of its
TransGuard
® Transient Voltage Suppressors (TVS) and its
Feedthru Capacitors into a single chip for state-of-the-art
overvoltage circuit protection and EMI reduction over a
broad range of frequencies. This unique combination of
multilayer ceramic construction in a feedthru configuration
gives the circuit designer a single 0805 chip that responds
to transient events faster than any TVS device on the mar-
ket today, and provides significant EMI attenuation when in
the off-state.
The reduction in parallel inductance, typical of the feedthru
chip construction when compared to the construction of
standard TVS or ceramic capacitor chips, gives the
TransFeed product two very important electrical advan-
tages: (1) faster “turn-on” time. Calculated response times
of <200 pSec are not unusual with this device, and mea-
sured response times range from 200 – 250 pSec. The
TransFeed “turn-on” characteristic is less than half that of
an equivalent TransGuard
® part — and TransGuards® clamp
transient voltages faster than any other bipolar TVS solution
such as diodes; (2) the second electrical advantage of
lower parallel inductance, coupled with optimal series
inductance, is the enhanced attenuation characteristics of
the TransFeed product. Not only is there significantly
greater attenuation at a higher self-resonance frequency,
but the roll-off characteristic becomes much flatter, result-
ing in EMI filtering over a much broader frequency spec-
trum. Typical applications include filtering/protection on
Microcontroller I/O Lines, Interface I/O Lines, Power Line
Conditioning and Power Regulation.
Schematic Diagram
Electrical Model
IN
OUT
IN
LS
LS
RV
C
RP
RON
LP
OUT
GENERAL
CHARACTERISTICS
• Operating Teperature:
-55°C to +125°C
• Working Voltage: 5.6Vdc - 26 Vdc
• Case Size: 0805
• Energy Rating: 0.05 - 0.3J
• Current: 20 - 120A
• Max Feedthru Current: 0.5 - 1A
TYPICAL APPLICATIONS
• Fingerprint ID Circuit
• Magnetic Field Circuit
• LCD Dashboard Driver
Where designers are concerned with both
transient voltage protection and EMI atten-
uation, either due to the electrical perfor-
mance of their circuits or due to required
compliance to specific EMC regulations,
the TransFeed product is an ideal choice.
APPLICATIONS
• Bi-directional TVS
• Narrow band, high attenuation filter
• EMI Filtering over broader frequency
range
• Fastest Response Time to
ESD Strikes


Similar Part No. - V2F105A500Y3ETP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2F105A150Y2E AVX-V2F105A150Y2E Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F105A150Y2E AVX-V2F105A150Y2E Datasheet
385Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F105A150Y2EDP AVX-V2F105A150Y2EDP Datasheet
247Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F105A150Y2ERP AVX-V2F105A150Y2ERP Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results

Similar Description - V2F105A500Y3ETP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2AF105A150Y2EDP AVX-V2AF105A150Y2EDP Datasheet
143Kb / 5P
   TransFeed Automotive Series
V2F105A150Y2ERP AVX-V2F105A150Y2ERP Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com