Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G760A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G760A
Description  Fan Speed PWM Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G760A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G760A Datasheet HTML 1Page - List of Unclassifed Manufacturers G760A Datasheet HTML 2Page - List of Unclassifed Manufacturers G760A Datasheet HTML 3Page - List of Unclassifed Manufacturers G760A Datasheet HTML 4Page - List of Unclassifed Manufacturers G760A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ver 4.3
Oct 28, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G760A
Global Mixed-mode Technology Inc.
Internal Registers
This IC provides 3 SMBus registers.
1.Programmed fan speed register:(SET_CNT,address:00b)
This register is a read/write register, it contains the
count number of the desired fan speed. Power up
default is FFh.
2.Actual fan speed register: (ACT_CNT, address: 01b)
This register is read only. It contains the count number of
the actual fan speed. Power up default is FFh.
3.Fan status register: (FAN_STA , address : 10b)
This register is read only. Its bit 0 is set to 1 when
the actual fan speed is ±20% outside the desired
speed. Its bit 1 is set to 1 when fan speed is be-
low
1920 rpm. Power up default is 10b.
SMBus Address
The SMBus address of this chip is fixed to7Ch (01111100b) for write and 7Dh(01111101b) for read.
SMBus Timing
(a) Typical Pointer Set Followed by Immediate Read
(b) Typical 1-Byte Read with Preset Pointer
(a) Typical Pointer Set Followed by Immediate Read
(b) Register Write
9
1
9
1
D0
Start
by
Master
Address Byte
R/W
Ack
by
G760
Data Byte
No Ack
by
Master
D7
Stop
Cond
by
Master
0
1
1
1
11
0
D1
D2
D3
D4
D5
D6
SMBCLK
SMBDATA
9
1
9
1
D0
Start
by
Master
Address Byte
R/W
Ack
by
G760
Data Byte
No Ack
by
Master
D7
Stop
Cond
by
Master
0
1
1
1
11
0
D1
D2
D3
D4
D5
D6
SMBCLK
SMBDATA
SMBDATA
Start
by
Master
Address Byte
Ack
by
G760
Pointer Byte
Ack
by
G760
9
1
9
1
0
0
0
0
0
0
R/W
0
1
1
1
11
0
SMBCLK
D0
D1
Repeat
Start
by
Master
Address Byte
Ack
by
G760
Data Byte
No Ack
by
Master
Stop
Cond
by
Master
1
9
1
9
R/W
0
1
1
1
11
0
D0
D1
D2
D3
D4
D5
D6
D7
SMBDATA
Start
by
Master
Address Byte
Ack
by
G760
Pointer Byte
Ack
by
G760
9
1
9
1
0
0
0
0
0
0
R/W
0
1
1
1
11
0
SMBCLK
D0
D1
Repeat
Start
by
Master
Address Byte
Ack
by
G760
Data Byte
No Ack
by
Master
Stop
Cond
by
Master
1
9
1
9
R/W
0
1
1
1
11
0
D0
D1
D2
D3
D4
D5
D6
D7
Repeat
Start
by
Master
Address Byte
Ack
by
G760
Data Byte
No Ack
by
Master
Stop
Cond
by
Master
1
9
1
9
R/W
0
1
1
1
11
0
D0
D1
D2
D3
D4
D5
D6
D7
Start
by
Master
Address Byte
Ack
by
G760
Pointer Byte
Ack
by
G760
No Ack
by
Master
Stop
Cond
by
Master
Address Byte
9
1
9
1
9
1
9
D0
D7
0
0
0
0
0
0
Data Byte
Ack
by
G760
SMBCLK
SMBDATA
R/W
0
1
1
1
11
0
0
1
1
1
11
0
D1
D2
D3
D4
D5
D6
R/W
D0
D1
Start
by
Master
Address Byte
Ack
by
G760
Pointer Byte
Ack
by
G760
No Ack
by
Master
Stop
Cond
by
Master
Address Byte
Address Byte
9
1
9
1
9
1
9
D0
D7
0
0
0
0
0
0
Data Byte
Data Byte
Ack
by
G760
SMBCLK
SMBDATA
R/W
0
1
1
1
11
0
0
1
1
1
11
0
D1
D2
D3
D4
D5
D6
R/W
D0
D1
9
1
9
1
9
1
Start
by
Master
Address Byte
R/W
Ack
by
G760
Pointer Byte
Ack
by
Master
Ack
by
G760
Stop
Cond
by
Master
Configuration Byte
0
0
0
0
0
0
0
1
1
1
1
1
0
D0
D7
D0
D1
D2
D3
D4
D5
D6
D1
SMBCLK
SMBDATA
9
1
9
1
9
1
Start
by
Master
Address Byte
R/W
Ack
by
G760
Pointer Byte
Ack
by
Master
Ack
by
G760
Stop
Cond
by
Master
Configuration Byte
Configuration Byte
0
0
0
0
0
0
0
1
1
1
1
1
0
D0
D7
D0
D1
D2
D3
D4
D5
D6
D1
SMBCLK
SMBDATA


Similar Part No. - G760A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
   Fan Speed PWM Controller
More results

Similar Description - G760A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
   Fan Speed PWM Controller
logo
Anachip Corp
AP438 ANACHIP-AP438 Datasheet
153Kb / 8P
   PWM Fan Speed Controller
logo
Microchip Technology
TC647 MICROCHIP-TC647_13 Datasheet
386Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC647 MICROCHIP-TC647 Datasheet
478Kb / 28P
   PWM Fan Speed Controller with FanSense Technology
2002
TC642COA713 MICROCHIP-TC642COA713 Datasheet
503Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
08/01/02
TC642 MICROCHIP-TC642 Datasheet
485Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
2002
logo
Global Mixed-mode Techn...
G762 GMT-G762 Datasheet
309Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G761 GMT-G761 Datasheet
47Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G764 GMT-G764 Datasheet
32Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com