Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G760A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G760A
Description  Fan Speed PWM Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G760A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G760A Datasheet HTML 1Page - List of Unclassifed Manufacturers G760A Datasheet HTML 2Page - List of Unclassifed Manufacturers G760A Datasheet HTML 3Page - List of Unclassifed Manufacturers G760A Datasheet HTML 4Page - List of Unclassifed Manufacturers G760A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ver 4.3
Oct 28, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G760A
Global Mixed-mode Technology Inc.
Pin Description
PIN NO.
PIN NAME
PIN FUNCTION
1
OUT
PWM output, connect to fan
2
F.G.
FAN pulse Input
3
ON/OFF
ON/OFF control pin, 0V means shutdown
4
GND
Ground
5
CLK
Clock input for fan speed measurement
6
SMBCLK
SMBus clock line
7
SMBDATA
SMBus data line
8
VCC
Supply voltage
Description
The fan speed is measured by counting the number of
the CLK pin period between the rising edges of two
fan speed pulses on FG pin. In this way, we are actu-
ally measuring the period of the fan speed. To avoid
the cost of doing division to obtain the speed, this
count number, N, is used in the PWM control algo-
rithm, thus, the desired fan speed should be pro-
grammed by writing the corresponding count number.
The count number is given by:
N = (CLK x 30) / (rpm x P)
N : Count Number
P : FG pulses number per revolution of fan.
For CLK = 32768Hz, P = 2
⇒N = 491520 / rpm
For CLK = 16384Hz, P = 2
⇒N = 245762 / rpm
Some selected count numbers are shown below
Table 1. Count numbers for P=2
rpm
CLK=32768Hz
CLK=16384Hz
968
---
254
1935
254
127
2000
246
123
3000
164
82
4000
123
61
5000
98
49
6000
82
41
7000
70
35
8000
61
31
9000
55
27
10000
49
25
20000
25
12
30000
16
8
When pin 3 (On/Off) is a logical 1, the fan speed will
be controlled according to the setting in the pro-
grammed fan speed register. There are two ways to
stop the fan, (1)setting pin 3 (On/Off) to 0V, (2) pro-
gram the fan speed register to 255. These also makes
the fan controller into power saving mode.
Controlling Fan at Lower Speed
For stably controlling fans at lower rotation speed,
three schemes are recommended as below:
1.Use larger decoupling capacitors between FAN_OUT
and GND.
2.Shunt a capacitor of 1µF-2µF on FG pin to GND.
3.Use fans with open-collector FG outputs.
When controlling fans under lower rotation speed, the
output voltage of FAN_OUT would be too low for fan
to generate recognizable FG signals.
Using decouple capacitors on FAN_OUT and FG is to
increase the SNR on FG pins. While using fans with
open_collector FG outputs can thoroughly solve the
problem, because the logic high level of FG would be
fixed to 5V.


Similar Part No. - G760A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
   Fan Speed PWM Controller
More results

Similar Description - G760A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
   Fan Speed PWM Controller
logo
Anachip Corp
AP438 ANACHIP-AP438 Datasheet
153Kb / 8P
   PWM Fan Speed Controller
logo
Microchip Technology
TC647 MICROCHIP-TC647_13 Datasheet
386Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC647 MICROCHIP-TC647 Datasheet
478Kb / 28P
   PWM Fan Speed Controller with FanSense Technology
2002
TC642COA713 MICROCHIP-TC642COA713 Datasheet
503Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
08/01/02
TC642 MICROCHIP-TC642 Datasheet
485Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
2002
logo
Global Mixed-mode Techn...
G762 GMT-G762 Datasheet
309Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G761 GMT-G761 Datasheet
47Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G764 GMT-G764 Datasheet
32Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com