Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-CCA042V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-CCA042V1
Description  20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV Data brief
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA042V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-CCA042V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA042V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA042V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA042V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
October 2012
Doc ID 023793 Rev 1
1/4
4
STEVAL-CCA042V1
20 W + 20 W dual BTL class-D audio amplifier demonstration board
based on the TDA7491HV
Data brief
Features
20 W +20 W continuous output power at
THD = 10%, RL = 8
Ω, V
CC = 18 V
9.5 W + 9.5 W continuous output power at
THD = 10%, RL = 8
Ω, V
CC = 12 V
Wide-range single-supply operation (5 - 18 V)
High efficiency (
η= 90%)
Four selectable, fixed gain settings (20 dB, 26
dB, 30 dB and 32 dB)
Differential inputs to minimize common-mode
noise
Filterless operation
Standby and mute features
Short-circuit and thermal overload protections
Externally synchronizable
RoHS compliant
Description
The STEVAL-CCA042V1 demonstration board is
designed for the TDA7491HV high-power dual
BTL class-D audio amplifier.
Thanks to its high efficiency, the device
assembled in the PSSO36 (slug-down) package
is capable of dissipating heat without a heatsink.
Jumpers on the board allow configuration of the
amplifier to verify all the features as single-ended
or differential inputs, fixed gain settings.
Microswitches are also provided to enable the
standby and mute functions
www.st.com


Similar Part No. - STEVAL-CCA042V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA044V1 STMICROELECTRONICS-STEVAL-CCA044V1 Datasheet
93Kb / 4P
   Standby and mute features
January 2013 Rev 1
STEVAL-CCA049V1 STMICROELECTRONICS-STEVAL-CCA049V1 Datasheet
209Kb / 4P
   Automatic zero-detect mute
November 2012 Rev 1
More results

Similar Description - STEVAL-CCA042V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CCA042V1 STMICROELECTRONICS-CCA042V1 Datasheet
100Kb / 5P
   20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV
CCA027V1 STMICROELECTRONICS-CCA027V1 Datasheet
92Kb / 5P
   50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
   160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
   50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
September 2011 Rev 2
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
CCA028V1 STMICROELECTRONICS-CCA028V1 Datasheet
124Kb / 5P
   10 W 10 W class-D audio amplifier demonstration board based on the TDA7491P
CCA029V1 STMICROELECTRONICS-CCA029V1 Datasheet
334Kb / 4P
   5 W 5 W class-D audio amplifier demonstration board based on the TDA7491LP
AN4015 STMICROELECTRONICS-AN4015 Datasheet
2Mb / 22P
   Dual-BTL class-D audio amplifier demonstration board
CCA043V1 STMICROELECTRONICS-CCA043V1 Datasheet
103Kb / 5P
   25 Watt mono BTL class-D audio amplifier demonstration board based on the TDA7491MV
logo
Panasonic Semiconductor
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
   Dual 20 W BTL audio power amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com