Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5364IUZA-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5364IUZA-T7
Description  600MHz Current Feedback Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5364IUZA-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5364IUZA-T7 Datasheet HTML 4Page - Intersil Corporation EL5364IUZA-T7 Datasheet HTML 5Page - Intersil Corporation EL5364IUZA-T7 Datasheet HTML 6Page - Intersil Corporation EL5364IUZA-T7 Datasheet HTML 7Page - Intersil Corporation EL5364IUZA-T7 Datasheet HTML 8Page - Intersil Corporation EL5364IUZA-T7 Datasheet HTML 9Page - Intersil Corporation EL5364IUZA-T7 Datasheet HTML 10Page - Intersil Corporation EL5364IUZA-T7 Datasheet HTML 11Page - Intersil Corporation EL5364IUZA-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Applications Information
Product Description
The EL5164, EL5165, and EL5364 are current-feedback
operational amplifiers that offers a wide -3dB bandwidth of
600MHz and a low supply current of 5mA per amplifier. The
EL5164, EL5165, and EL5364 work with supply voltages
ranging from a single 5V to 10V and they are also capable of
swinging to within 1V of either supply on the output. Because
of their current-feedback topology, the EL5164, EL5165, and
EL5364 do not have the normal gain-bandwidth product
associated with voltage-feedback operational amplifiers.
Instead, its -3dB bandwidth to remain relatively constant as
closed-loop gain is increased. This combination of high
bandwidth and low power, together with aggressive pricing
make the EL5164, EL5165, and EL5364 ideal choices for
many low-power/high-bandwidth applications such as
portable, handheld, or battery-powered equipment.
For varying bandwidth needs, consider the EL5166 and
EL5167 with 1GHz on a 8.5mA supply current or the EL5162
and EL5163 with 300MHz on a 8.5mA supply current.
Versions include single, dual, and triple amp packages with
5-pin SOT-23, 16-pin QSOP, and 8-pin or 16-pin SO
outlines.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Low
impedance ground plane construction is essential. Surface
mount components are recommended, but if leaded
components are used, lead lengths should be as short as
possible. The power supply pins must be well bypassed to
reduce the risk of oscillation. The combination of a 4.7µF
tantalum capacitor in parallel with a 0.01µF capacitor has
been shown to work well when placed at each supply pin.
For good AC performance, parasitic capacitance should be
kept to a minimum, especially at the inverting input. (See the
Capacitance at the Inverting Input section.) Even when
ground plane construction is used, it should be removed
from the area near the inverting input to minimize any stray
capacitance at that node. Carbon or Metal-Film resistors are
Pin Descriptions
EL5164
(8-PIN SO)
EL5164
(6-PIN
SOT-23)
EL5165
(5-PIN
SOT-23)
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1, 5
NC
Not connected
2
4
4
IN-
Inverting input
Circuit 1
3
3
3
IN+
Non-inverting input
(See circuit 1)
4
2
2
VS-
Negative supply
6
1
1
OUT
Output
Circuit 2
7
6
5
VS+
Positive supply
85
CE
Chip enable, allowing the pin to float
or applying a low logic level will
enable the amplifier.
Circuit 3
IN-
IN+
VS+
VS-
VS+
VS-
OUT
VS+
VS-
CE
EL5164, EL5165, EL5364


Similar Part No. - EL5364IUZA-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5364IUZA-T7 INTERSIL-EL5364IUZA-T7 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5364IUZA-T7 INTERSIL-EL5364IUZA-T7 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5364IUZA-T7 RENESAS-EL5364IUZA-T7 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5364IUZA-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com