Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6322-08 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS6322-08
Description  THREE PLL CLOCK GENERATOR IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6322-08 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS6322-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6322-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6322-08 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6322-08 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6322-08 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6322-08 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6322-08 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
February 2001
3
2.2.01
Advance Information
Advance Information
Advance Information
Advance Information
FS6322-08
FS6322-08
FS6322-08
FS6322-08
Three-PLL Clock Generator IC
Three-PLL Clock Generator IC
Three-PLL Clock Generator IC
Three-PLL Clock Generator IC
3.0
Electrical Specifications
Table 3: Absolute Maximum Ratings
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These conditions represent a stress rating only, and functional operation of the device at
these or any other conditions above the operational limits noted in this specification is not implied. Exposure to maximum rating conditions for extended conditions may affect device performance,
functionality, and reliability.
PARAMETER
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage, dc (VSS = ground)
VDD
VSS-0.5
7
V
Input Voltage, dc
VI
VSS-0.5
VDD+0.5
V
Output Voltage, dc
VO
VSS-0.5
VDD+0.5
V
Input Clamp Current, dc (VI < 0 or VI > VDD)IIK
-50
50
mA
Output Clamp Current, dc (VI < 0 or VI > VDD)IOK
-50
50
mA
Storage Temperature Range (non-condensing)
TS
-65
150
°C
Ambient Temperature Range, Under Bias
TA
-55
125
°C
Junction Temperature
TJ
150
°C
Lead Temperature (soldering, 10s)
260
°C
Input Static Discharge Voltage Protection (MIL-STD 883E, Method 3015.7)
2
kV
CAUTION: ELECTROSTATIC SENSITIVE DEVICE
Permanent damage resulting in a loss of functionality or performance may occur if this device is subjected to a high-energy elec-
trostatic discharge.
Table 4: Operating Conditions
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
3.3V ± 10%
3
3.3
3.6
V
Ambient Operating Temperature Range
TA
070
°C
Crystal Resonator Frequency
fXIN
530
MHz
Output Load Capacitance
CL
20
pF


Similar Part No. - FS6322-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
   Three-PLL Clock Generator IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
   Three-PLL Clock Generator IC
More results

Similar Description - FS6322-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
   Three-PLL Clock Generator IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
   Three-PLL Clock Generator IC
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
   DUAL PLL CLOCK GENERATOR IC
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
   DUAL PLL CLOCK GENERATOR IC
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
   Dual PLL Clock Generator IC
logo
ON Semiconductor
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com