Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S132-S00L5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S132-S00L5
Description  ADAPTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S132-S00L5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S132-S00L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S132-S00L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR
SMB PLUG – SMA PLUG
59S132-S00L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
SMB side:
IEC 60169-10, CECC 22130, US MIL-C-39012
SMA side:
IEC 60169-15; EN 122110; MIL-STD-348A, Fig. 310
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact
Beryllium copper AuroDur. gold plated
Outer contact SMB side
Brass
AuroDur. gold plated
Outer contact SMA side
Beryllium copper AuroDur. gold plated
Body
Beryllium copper AuroDur. gold plated
Dielectric
PTFE
Gasket
Silicone
Coupling nut SMA side
Brass
Gold, 0.1 µm min.


Similar Part No. - 59S132-S00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S132-K00L5 ROSENBERGER-59S132-K00L5 Datasheet
38Kb / 2P
   ADAPTOR
More results

Similar Description - 59S132-S00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
18K107-K00L5 ROSENBERGER-18K107-K00L5 Datasheet
109Kb / 2P
   Adaptor
53S101-S00N5 ROSENBERGER-53S101-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
28K132-S00N5 ROSENBERGER-28K132-S00N5 Datasheet
56Kb / 2P
   ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
   Adaptor
02K108-K00S3 ROSENBERGER-02K108-K00S3 Datasheet
170Kb / 2P
   ADAPTOR
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
   ADAPTOR
28K160-S00N5 ROSENBERGER-28K160-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
03S109-K00S3 ROSENBERGER-03S109-K00S3 Datasheet
195Kb / 2P
   ADAPTOR
03K109-S00S3 ROSENBERGER-03K109-S00S3 Datasheet
191Kb / 2P
   ADAPTOR
09KR102-S0AS3 ROSENBERGER-09KR102-S0AS3 Datasheet
765Kb / 2P
   ADAPTOR
02KR107-P0AS3 ROSENBERGER-02KR107-P0AS3 Datasheet
262Kb / 2P
   ADAPTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com