Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32S221-K00L5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 32S221-K00L5
Description  ADAPTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

32S221-K00L5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  32S221-K00L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 32S221-K00L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR
SMA PLUG – JACK
32S221-K00L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 18 GHz
VSWR
≤ 1.05 + 0.005 x f [GHz], DC to 8 GHz
≤ 1.25
8 to 18 GHz
Insertion loss
≤ 0.04 x
dB
Insulation resistance
≥ 5 x103 MΩ
Center contact resistance
≤ 3 mΩ
Outer contact resistance
≤ 2 mΩ
Test voltage
1000 V rms
Working voltage
480 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
≤ 200 W @ 2 GHz
RF-leakage
≥ 100 dB up to 1 GHz
Mechanical data
Mating cycles
min. 500
Coupling nut retention
≥ 270 N
Center contact captivation: axial
≥ 27 N
radial
≥ 3 Ncm
Coupling test torque
max. 1.7 Nm
Recommended torque
0.8 Nm to 1.1 Nm
Environmental data
Temperature range
-65°C to +165°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. D
Shock
MIL-STD-202, Meth. 213, Cond. I
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
5.93 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Rong Fang
30/03/04
J_Krautenbacher
21.07.16
g00
15-1629
I_Wallner
21.07.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 32S221-K00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
32S206-271L5 ROSENBERGER-32S206-271L5 Datasheet
223Kb / 2P
   SMA RIGHT ANGLE PLUG
32S206-272L5 ROSENBERGER-32S206-272L5 Datasheet
307Kb / 2P
   SMA RIGHT ANGLE PLUG
32S207-302L5 ROSENBERGER-32S207-302L5 Datasheet
329Kb / 2P
   SMA RIGHT ANGLE PLUG
32S207-303L5 ROSENBERGER-32S207-303L5 Datasheet
329Kb / 2P
   SMA RIGHT ANGLE PLUG
32S207-303N5 ROSENBERGER-32S207-303N5 Datasheet
161Kb / 2P
   SMA RIGHT ANGLE PLUG
More results

Similar Description - 32S221-K00L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
18K107-K00L5 ROSENBERGER-18K107-K00L5 Datasheet
109Kb / 2P
   Adaptor
53S101-S00N5 ROSENBERGER-53S101-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
28K132-S00N5 ROSENBERGER-28K132-S00N5 Datasheet
56Kb / 2P
   ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
   Adaptor
02K108-K00S3 ROSENBERGER-02K108-K00S3 Datasheet
170Kb / 2P
   ADAPTOR
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
   ADAPTOR
28K160-S00N5 ROSENBERGER-28K160-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
03S109-K00S3 ROSENBERGER-03S109-K00S3 Datasheet
195Kb / 2P
   ADAPTOR
03K109-S00S3 ROSENBERGER-03K109-S00S3 Datasheet
191Kb / 2P
   ADAPTOR
09KR102-S0AS3 ROSENBERGER-09KR102-S0AS3 Datasheet
765Kb / 2P
   ADAPTOR
02KR107-P0AS3 ROSENBERGER-02KR107-P0AS3 Datasheet
262Kb / 2P
   ADAPTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com