Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1847H53048+P Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP1847H53048+P
Description  THB AC Filtering Metalized Polypropylene Film Capacitor Radial Type 85 °C / 85 % RH 1000 h at UNAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847H53048+P Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP1847H53048+P Datasheet HTML 6Page - Vishay Siliconix MKP1847H53048+P Datasheet HTML 7Page - Vishay Siliconix MKP1847H53048+P Datasheet HTML 8Page - Vishay Siliconix MKP1847H53048+P Datasheet HTML 9Page - Vishay Siliconix MKP1847H53048+P Datasheet HTML 10Page - Vishay Siliconix MKP1847H53048+P Datasheet HTML 11Page - Vishay Siliconix MKP1847H53048+P Datasheet HTML 12Page - Vishay Siliconix MKP1847H53048+P Datasheet HTML 13Page - Vishay Siliconix MKP1847H53048+P Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MKP1847H AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 16-Mar-17
11
Document Number: 26067
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
5.14.0
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
Insulation resistance
5.14.3-1
Vibration
IEC 60068-2-6
10 Hz to 55 Hz; a = ± 0.35 mm or
acceleration 98 m/s2
Test duration: 10 frequency cycles
(3 axes offset from each other by 90°)
1 octave/min
Visual examination
No visible damage
5.14.3-2
Shock or impact
IEC 60068-2-6
Pulse shape: half sine
Acceleration: 490 m/s2
Duration of pulse: 11 ms
5.14.4
Final measurements
Visual examination
No visible damage
Capacitance
tan

Insulation resistance
|
C/C|  0.5 %
Increase of tan
  0.0050
compared to the values measured in 5.14.0
Insulation resistance
 50 % of specified
values
5.5.3-1
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
Insulation resistance
5.5.3-2
DC voltage test between terminals
1.5 x UNDC at Tamb
Duration: 10 s
5.5.3-3
Final measurements
Capacitance
tan

Insulation resistance
|
C/C|  0.5 %
Increase of tan
  0.0050
Insulation resistance
 50 % of specified
values
5.9-1
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
Insulation resistance
5.9-2
Surge discharge test
1.1 x UNDC
Number of discharges: 5
Time lapse: every 2 min (10 min total)
5.9-2
DC voltage test between terminals
Within 5 min after the surge
discharge test
Duration: 10 s
1.5 x UNDC at Tamb
5.9-3
Final measurements
Capacitance
tan

Insulation resistance
|
C/C|  1.0 %
tan
  1.2 x initial tan  + 0.0001
compared to the values measured in 5.9-1
Insulation resistance
 50 % of specified
values
5.11-1
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
Insulation resistance
5.11-2
Self healing test
1.5 x UNDC, duration: 10 s
Increase the voltage at 100 V/s till
5 clearings occur or until voltage reach
max. of 2.5 x UNDC for a duration of 10 s
Number of clearings
 5
Clearing = voltage drop of 5 %
5.11-3
Final measurements
Capacitance
tan

Insulation resistance
|
C/C|  0.5 %
tan
  1.2 x initial tan  + 0.0001
compared to the values measured in 5.11-1
Insulation resistance
 50 % of specified
values
INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


Similar Part No. - MKP1847H53048+P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H52025JK2 VISHAY-MKP1847H52025JK2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JK3 VISHAY-MKP1847H52025JK3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JK5 VISHAY-MKP1847H52025JK5 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JP2 VISHAY-MKP1847H52025JP2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JP3 VISHAY-MKP1847H52025JP3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
More results

Similar Description - MKP1847H53048+P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Cornell Dubilier Electr...
BLH107K701C134 CDE-BLH107K701C134 Datasheet
692Kb / 9P
   85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
logo
Exxelia Group
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
   32 000 h / 85°C
Revision 01/19
FELSIC85M EXXELIA-FELSIC85M Datasheet
674Kb / 14P
   15 000 h / 85°C
Revision 01/19
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
   10 000 h / 85°C
Revision 04/23
SNAPSIC4P EXXELIA-SNAPSIC4P Datasheet
627Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
   10 000 h / 85°C
Revision 07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com