Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1847H62235+Y Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP1847H62235+Y
Description  THB AC Filtering Metalized Polypropylene Film Capacitor Radial Type 85 °C / 85 % RH 1000 h at UNAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847H62235+Y Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP1847H62235+Y Datasheet HTML 1Page - Vishay Siliconix MKP1847H62235+Y Datasheet HTML 2Page - Vishay Siliconix MKP1847H62235+Y Datasheet HTML 3Page - Vishay Siliconix MKP1847H62235+Y Datasheet HTML 4Page - Vishay Siliconix MKP1847H62235+Y Datasheet HTML 5Page - Vishay Siliconix MKP1847H62235+Y Datasheet HTML 6Page - Vishay Siliconix MKP1847H62235+Y Datasheet HTML 7Page - Vishay Siliconix MKP1847H62235+Y Datasheet HTML 8Page - Vishay Siliconix MKP1847H62235+Y Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MKP1847H AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 16-Mar-17
4
Document Number: 26067
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Intermediate capacitance values available on request
(2) Change the “*” symbol with special code for the terminals and “+” for tolerance
(3) SPQ = Standard Packing Quantity
PACKAGING INFORMATION
UNAC
(V)
UNDC
(V)
CAP. (1)
(μF)
DIMENSION (mm)
Ø dt
(mm)
ORDERING CODE (2)
MASS
(g)
SPQ (3)
(pcs)
wh
l
250
500
1
13.0
23.0
32.0
0.8
MKP1847H51025+K2
11
115
2
15.0
25.0
32.0
0.8
MKP1847H52025+K2
14
100
3
18.0
28.0
32.0
0.8
MKP1847H53025+K2
18
80
4
21.0
31.0
32.0
0.8
MKP1847H54025+K2
23
65
5
21.0
31.0
32.0
0.8
MKP1847H55025+K2
21
65
6
22.0
38.0
32.0
0.8
MKP1847H56025+K2
24
60
7
22.0
38.0
32.0
0.8
MKP1847H57025+K2
23
60
8
22.0
38.0
32.0
0.8
MKP1847H58025+K2
22
60
10
21.5
38.5
42.0
1.0
MKP1847H61025+P*
35
91
12
30.0
45.0
42.0
1.0
MKP1847H61225+P*
68
63
15
30.0
45.0
42.0
1.0
MKP1847H61525+P*
64
63
20
30.0
45.0
42.0
1.0
MKP1847H62025+P*
56
63
22
30.0
45.0
57.5
1.2
MKP1847H62225+Y*
73
45
25
30.0
45.0
57.5
1.2
MKP1847H62525+Y*
69
45
30
35.0
50.0
57.5
1.2
MKP1847H63025+Y*
95
40
35
35.0
50.0
57.5
1.2
MKP1847H63525+Y*
86
40
310
630
1
13.0
23.0
32.0
0.8
MKP1847H51031+K2
10
115
2
18.0
28.0
32.0
0.8
MKP1847H52031+K2
17
80
3
21.0
31.0
32.0
0.8
MKP1847H53031+K2
21
65
4
22.0
38.0
32.0
0.8
MKP1847H54031+K2
24
60
5
21.5
38.5
42.0
1.0
MKP1847H55031+P*
38
91
6
21.5
38.5
42.0
1.0
MKP1847H56031+P*
36
91
7
30.0
45.0
42.0
1.0
MKP1847H57031+P*
70
63
8
30.0
45.0
42.0
1.0
MKP1847H58031+P*
67
63
10
30.0
45.0
42.0
1.0
MKP1847H61031+P*
62
63
12
30.0
45.0
57.5
1.2
MKP1847H61231+Y*
77
45
15
30.0
45.0
57.5
1.2
MKP1847H61531+Y*
70
45
20
35.0
50.0
57.5
1.2
MKP1847H62031+Y*
90
40
22
35.0
50.0
57.5
1.2
MKP1847H62231+Y*
86
40
350
700
1
15.0
25.0
32.0
0.8
MKP1847H51035+K2
16
100
2
18.0
28.0
32.0
0.8
MKP1847H52035+K2
22
80
3
21.0
31.0
32.0
0.8
MKP1847H53035+K2
28
65
4
22.0
38.0
32.0
0.8
MKP1847H54035+K2
34
60
5
21.5
38.5
42.0
1.0
MKP1847H55035+P*
51
91
6
21.5
38.5
42.0
1.0
MKP1847H56035+P*
49
91
7
30.0
45.0
42.0
1.0
MKP1847H57035+P*
83
63
8
30.0
45.0
42.0
1.0
MKP1847H58035+P*
81
63
10
30.0
45.0
42.0
1.0
MKP1847H61035+P*
77
63
12
30.0
45.0
57.5
1.2
MKP1847H61235+Y*
121
45
15
30.0
45.0
57.5
1.2
MKP1847H61535+Y*
119
45
20
35.0
50.0
57.5
1.2
MKP1847H62035+Y*
150
40
22
35.0
50.0
57.5
1.2
MKP1847H62235+Y*
146
40
480
1000
2
21.5
38.5
42.0
1.0
MKP1847H52048+P*
49
91
3
30.0
45.0
42.0
1.0
MKP1847H53048+P*
77
63
4
30.0
45.0
57.5
1.2
MKP1847H54048+Y*
121
45
5
30.0
45.0
57.5
1.2
MKP1847H55048+Y*
119
45
6
35.0
50.0
57.5
1.2
MKP1847H56048+Y*
152
40
7
35.0
50.0
57.5
1.2
MKP1847H57048+Y*
147
40


Similar Part No. - MKP1847H62235+Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H62025JK2 VISHAY-MKP1847H62025JK2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JK3 VISHAY-MKP1847H62025JK3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JK5 VISHAY-MKP1847H62025JK5 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JP2 VISHAY-MKP1847H62025JP2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JP3 VISHAY-MKP1847H62025JP3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
More results

Similar Description - MKP1847H62235+Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Cornell Dubilier Electr...
BLH107K701C134 CDE-BLH107K701C134 Datasheet
692Kb / 9P
   85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
logo
Exxelia Group
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
   32 000 h / 85°C
Revision 01/19
FELSIC85M EXXELIA-FELSIC85M Datasheet
674Kb / 14P
   15 000 h / 85°C
Revision 01/19
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
   10 000 h / 85°C
Revision 04/23
SNAPSIC4P EXXELIA-SNAPSIC4P Datasheet
627Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
   10 000 h / 85°C
Revision 07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com