Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97509E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 97509E3
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

97509E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  97509E3 Datasheet HTML 1Page - Vishay Siliconix 97509E3 Datasheet HTML 2Page - Vishay Siliconix 97509E3 Datasheet HTML 3Page - Vishay Siliconix 97509E3 Datasheet HTML 4Page - Vishay Siliconix 97509E3 Datasheet HTML 5Page - Vishay Siliconix 97509E3 Datasheet HTML 6Page - Vishay Siliconix 97509E3 Datasheet HTML 7Page - Vishay Siliconix 97509E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
180 CPS
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
5
Document Number: 28415
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 5 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Conductive polymer 180 CPS series
100 μF / 16 V; ± 20 %
Nominal case size: 6.6 mm x 6.6 mm x 5.9 mm; taped on
reel
Ordering code: MAL218097504E3
Table 5
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 kHz, 105 °C
IL2
Max. leakage current after 2 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
L x W x H
(mm)
IR
105 °C
100 kHz
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
100 kHz
20 °C
(
)
ORDERING CODE
MAL2180...
2.5
180
5.3 x 5.3 x 5.7
2800
300
0.12
0.019
97251E3
390
6.6 x 6.6 x 5.9
3160
300
0.12
0.014
97253E3
560
6.6 x 6.6 x 5.9
3500
300
0.12
0.016
97254E3
560
6.6 x 6.6 x 7.7
4200
420
0.12
0.009
97255E3
680
8.4 x 8.4 x 6.7
3370
500
0.12
0.020
97256E3
820
8.4 x 8.4 x 12
5380
500
0.12
0.009
97257E3
1200
10.4 x 10.4 x 7.7
4450
600
0.15
0.013
97258E3
1500
8.4 x 8.4 x 12
5150
750
0.12
0.012
97259E3
2700
10.4 x 10.4 x 12.6
5600
1350
0.15
0.009
97261E3
4
150
5.3 x 5.3 x 5.7
2730
300
0.12
0.020
97701E3
270
6.6 x 6.6 x 5.9
3160
300
0.12
0.015
97702E3
330
6.6 x 6.6 x 5.9
3160
300
0.12
0.015
97703E3
390
6.6 x 6.6 x 7.7
4200
468
0.12
0.009
97704E3
560
8.4 x 8.4 x 6.7
3220
500
0.12
0.022
97705E3
560
8.4 x 8.4 x 12
5380
500
0.15
0.009
97706E3
1000
10.4 x 10.4 x 7.7
4300
800
0.12
0.014
97707E3
1200
8.4 x 8.4 x 12
4700
960
0.15
0.012
97708E3
1500
8.4 x 8.4 x 12
4700
1200
0.15
0.012
97709E3
2200
10.4 x 10.4 x 12.6
5700
1760
0.15
0.009
97711E3
6.3
120
5.3 x 5.3 x 5.7
2660
300
0.12
0.021
97301E3
220
6.6 x 6.6 x 5.9
3160
300
0.12
0.015
97303E3
330
6.6 x 6.6 x 5.9
3390
415
0.12
0.017
97304E3
330
6.6 x 6.6 x 7.7
4200
623
0.12
0.009
97305E3
390
8.4 x 8.4 x 6.7
3220
491
0.12
0.022
97306E3
820
8.4 x 8.4 x 12
4700
1033
0.15
0.013
97307E3
820
10.4 x 10.4 x 7.7
4300
1033
0.12
0.014
97308E3
1500
10.4 x 10.4 x 12.6
5560
1890
0.15
0.010
97309E3
10
68
5.3 x 5.3 x 5.7
2540
300
0.12
0.023
97401E3
120
6.6 x 6.6 x 5.9
2600
300
0.12
0.022
97402E3
150
6.6 x 6.6 x 7.7
2800
450
0.12
0.015
97403E3
270
8.4 x 8.4 x 6.7
3220
500
0.12
0.022
97404E3
470
10.4 x 10.4 x 7.7
3800
940
0.12
0.019
97405E3


Similar Part No. - 97509E3

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9750 3M-9750 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
Belden Inc.
9750 BELDEN-9750 Datasheet
158Kb / 2P
   Electronic, 3 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
List of Unclassifed Man...
9750-4I ETC2-9750-4I Datasheet
886Kb / 3P
   512MB 800MHz DDRII cache memory
logo
Belden Inc.
9750.0601000 BELDEN-9750.0601000 Datasheet
158Kb / 2P
   Electronic, 3 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
9750.060500 BELDEN-9750.060500 Datasheet
158Kb / 2P
   Electronic, 3 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
More results

Similar Description - 97509E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL218197701E3 VISHAY-MAL218197701E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
185CPNZ VISHAY-185CPNZ Datasheet
106Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097506E3 VISHAY-MAL218097506E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
184CPNS VISHAY-184CPNS Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
180CPS VISHAY-180CPS_V01 Datasheet
110Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
180CPS VISHAY-180CPS_15 Datasheet
98Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
181CPL VISHAY-181CPL Datasheet
106Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
181CPL VISHAY-181CPL_V01 Datasheet
104Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
184CPNS VISHAY-184CPNS_V01 Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com