Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97502E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 97502E3
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

97502E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  97502E3 Datasheet HTML 1Page - Vishay Siliconix 97502E3 Datasheet HTML 2Page - Vishay Siliconix 97502E3 Datasheet HTML 3Page - Vishay Siliconix 97502E3 Datasheet HTML 4Page - Vishay Siliconix 97502E3 Datasheet HTML 5Page - Vishay Siliconix 97502E3 Datasheet HTML 6Page - Vishay Siliconix 97502E3 Datasheet HTML 7Page - Vishay Siliconix 97502E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
180 CPS
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
6
Document Number: 28415
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 6
USEFUL LIFE AND ENDURANCE
Table 7
Endurance can be calculated by formula below:
Lr: estimated lifetime (h)
L0: base lifetime specified at maximum operating temperature with applied the DC voltage (h)
T0: rated maximum operating temperature (°C)
Tr: actual ambient temperature (°C)
16
39
5.3 x 5.3 x 5.7
2350
300
0.12
0.020
97501E3
39
6.6 x 6.6 x 5.9
2460
300
0.12
0.024
97502E3
68
6.6 x 6.6 x 5.9
2440
300
0.12
0.025
97503E3
100
6.6 x 6.6 x 5.9
2490
320
0.12
0.024
97504E3
150
8.4 x 8.4 x 6.7
3220
500
0.12
0.022
97505E3
220
10.4 x 10.4 x 7.7
3450
704
0.12
0.022
97506E3
270
8.4 x 8.4 x 12
4850
864
0.15
0.012
97507E3
330
10.4 x 10.4 x 12.6
5300
1056
0.15
0.012
97508E3
470
10.4 x 10.4 x 12.6
6100
1504
0.15
0.010
97509E3
820
10.4 x 10.4 x 12.6
5400
2624
0.12
0.012
97511E3
20
120
6.6 x 6.6 x 5.9
3200
480
0.12
0.025
97201E3
390
8.4 x 8.4 x 12
4950
1560
0.12
0.014
97202E3
560
10.4 x 10.4 x 12.6
5600
2240
0.12
0.012
97203E3
25
56
6.6 x 6.6 x 5.9
2800
280
0.12
0.030
97601E3
180
8.4 x 8.4 x 12
4650
900
0.12
0.016
97602E3
330
10.4 x 10.4 x 12.6
5000
1650
0.12
0.014
97603E3
35
22
6.6 x 6.6 x 5.9
2600
154
0.12
0.035
97001E3
82
8.4 x 8.4 x 12
4000
574
0.12
0.020
97002E3
120
10.4 x 10.4 x 12.6
4400
840
0.12
0.018
97003E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
IEC 60384-18, subclause 4.14
Us  1.15 x UR
Reverse voltage for short periods
IEC 60384-18, subclause 4.16; TA  105 °C
Urev  1 V
ENDURANCE TEST AND USEFUL LIFE
SERIES
CASE CODE
USEFUL LIFE
AT 105 °C (h)
ENDURANCE
AT 105 °C (h)
ENDURANCE
AT 95 °C (h)
ENDURANCE
AT 85 °C (h)
ENDURANCE
AT 75 °C (h)
180 CPS
0506 - 1013
2500
2000
6000
20 000
63 000
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
L x W x H
(mm)
IR
105 °C
100 kHz
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
100 kHz
20 °C
(
)
ORDERING CODE
MAL2180...
L
r = L0 x 10
T
0 - Tr
20
-----------------


Similar Part No. - 97502E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
97502E3 VISHAY-97502E3 Datasheet
106Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
More results

Similar Description - 97502E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL218197701E3 VISHAY-MAL218197701E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
185CPNZ VISHAY-185CPNZ Datasheet
106Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097506E3 VISHAY-MAL218097506E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
184CPNS VISHAY-184CPNS Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
180CPS VISHAY-180CPS_V01 Datasheet
110Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
180CPS VISHAY-180CPS_15 Datasheet
98Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
181CPL VISHAY-181CPL Datasheet
106Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
181CPL VISHAY-181CPL_V01 Datasheet
104Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
184CPNS VISHAY-184CPNS_V01 Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com