Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1847H63025+Y Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKP1847H63025+Y
Description  THB AC Filtering Metalized Polypropylene Film Capacitor Radial Type 85 °C / 85 % RH 1000 h at UNAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847H63025+Y Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKP1847H63025+Y Datasheet HTML 6Page - Vishay Siliconix MKP1847H63025+Y Datasheet HTML 7Page - Vishay Siliconix MKP1847H63025+Y Datasheet HTML 8Page - Vishay Siliconix MKP1847H63025+Y Datasheet HTML 9Page - Vishay Siliconix MKP1847H63025+Y Datasheet HTML 10Page - Vishay Siliconix MKP1847H63025+Y Datasheet HTML 11Page - Vishay Siliconix MKP1847H63025+Y Datasheet HTML 12Page - Vishay Siliconix MKP1847H63025+Y Datasheet HTML 13Page - Vishay Siliconix MKP1847H63025+Y Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MKP1847H AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 16-Mar-17
10
Document Number: 26067
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION NOTES AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection.
These mains applications are strictly regulated in safety standards and therefore electromagnetic interference suppression
capacitors conforming the standards must be used.
To select the capacitor for a certain application, the following conditions must be checked:
1. The peak voltage (Up+) shall not be greater than
2. The peak-to-peak ripple voltage (Upp) shall not be greater than
(for URMS consult graph “Maximum RMS
Voltage as Function of Frequency)
3. The voltage pulse slope (dU/dt) shall not exceed the rated pulse slope at the DC voltage rating.
If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by UNDC and divided
by the applied voltage.
T is the pulse duration
4. The maximum component surface temperature must be lower than 105 °C and maximum temperature rise between case
and free air ambient shall be lower than 15 °C.
INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
ROUTINE TEST - FINAL INSPECTION
5.14.2-1
External inspection, visual examination
Legible marking as specified
5.14.2-2
Dimensions
See specification drawing
5.3-1
Capacitance
1 kHz at room temperature
See specific reference data
5.3-2
tan

10 kHz at room temperature
See specific reference data
5.5.1-2
Voltage test between terminals
1.5 x UNDC at Tamb
Duration: 2 s
No visible damage or puncture
No flashover
5.7
Insulation resistance
Measuring voltage 500 V at room
temperature
Duration: 1 min
See specific reference data
TYPE TESTS
5.14.2
External inspection
Check for finish, marking, and overall
dimensions
Legible marking and finish as specified
Dimensions: see specification drawing
5.14.0
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
5.14.1-1/4
Tensile Ua1
Robustness of terminations
IEC 60068-2-21
Wire diameter
Section
Load
d
 0.80 mm
S
 0.5 mm2
10 N
(± 10 %)
d
 1.25 mm
S
 1.2 mm2
20 N
(± 10 %)
Duration: 10 s ± 1 s
Bending, Ub method 1
Wire diameter Section modulus
Load
d
 0.80 mm
Zx  0.05 mm3
5 N
(10 %)
d
 1.25 mm
Zx  0.019 mm3
10 N
(± 10 %)
4 x 90°, duration: 2 s to 3 s/bend
5.14.1-6
Resistance to soldering heat
IEC 60068-2-20
No pre-drying, method 1A
Solder bath: 280 °C ± 5 °C
Duration: 10 s ± 1 s
5.14.4
Final measurements
Capacitance
tan
|
C/C|  0.5 %
Increase of tan
  0.0050
compared to the values measured in 5.14.0
2 x U
RMS
2 x
2 x U
RMS
2 x
dU
dt
-------

 2
x dt < U
NDC x
dU
dt
-------


rated
0
T


Similar Part No. - MKP1847H63025+Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H62025JK2 VISHAY-MKP1847H62025JK2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JK3 VISHAY-MKP1847H62025JK3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JK5 VISHAY-MKP1847H62025JK5 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JP2 VISHAY-MKP1847H62025JP2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JP3 VISHAY-MKP1847H62025JP3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
More results

Similar Description - MKP1847H63025+Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Cornell Dubilier Electr...
BLH107K701C134 CDE-BLH107K701C134 Datasheet
692Kb / 9P
   85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
logo
Exxelia Group
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
   32 000 h / 85°C
Revision 01/19
FELSIC85M EXXELIA-FELSIC85M Datasheet
674Kb / 14P
   15 000 h / 85°C
Revision 01/19
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
   10 000 h / 85°C
Revision 04/23
SNAPSIC4P EXXELIA-SNAPSIC4P Datasheet
627Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
   10 000 h / 85°C
Revision 07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com