Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97707E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 97707E3
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

97707E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  97707E3 Datasheet HTML 1Page - Vishay Siliconix 97707E3 Datasheet HTML 2Page - Vishay Siliconix 97707E3 Datasheet HTML 3Page - Vishay Siliconix 97707E3 Datasheet HTML 4Page - Vishay Siliconix 97707E3 Datasheet HTML 5Page - Vishay Siliconix 97707E3 Datasheet HTML 6Page - Vishay Siliconix 97707E3 Datasheet HTML 7Page - Vishay Siliconix 97707E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
180 CPS
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
3
Document Number: 28415
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 1
Table 2
MOUNTING
The capacitors are designed for automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering pads depend amongst
others on soldering method, mounting accuracy, print
layout and / or adjacent components.
For recommended soldering pad dimensions, refer to Fig. 3
and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
component during processing.
For maximum conditions refer to Fig. 4.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
As a general principle, temperature and duration shall be the
minimum necessary required to ensure good soldering
connections. However, the specified maximum curves
should never be exceeded.
Fig. 3 - Recommended soldering pad dimensions
DIMENSIONS in millimeters AND MASS
NOMINAL
CASE SIZE
L x W x H
CASE
CODE
LMAX.
WMAX.
HMAX.
Ø D
BMAX.
SL1MAX.
MASS
(g)
5.3 x 5.3 x 5.7
0506
5.5
5.5
6.0
5.0
0.8
1.5
6.1
~ 0.15
6.6 x 6.6 x 5.9
0606
6.8
6.8
6.0
6.3
0.8
2.0
7.4
~ 0.25
6.6 x 6.6 x 7.7
0608
6.8
6.8
8.0
6.3
0.8
2.0
7.4
~ 0.4
8.4 x 8.4 x 6.7
0807
8.6
8.6
7.0
8.0
1.1
3.1
9.2
~ 0.5
8.4 x 8.4 x 12
0812
8.6
8.6
12.5
8.0
1.1
3.1
9.2
~ 0.8
10.4 x 10.4 x 7.7
1008
10.6
10.6
8.0
10
1.3
4.7
11.2
~ 0.9
10.4 x 10.4 x 12.6
1013
10.6
10.6
12.7
10
1.3
4.7
11.2
~ 1.3
TAPE AND REEL DIMENSIONS in millimeters, PACKAGING QUANTITIES
NOMINAL
CASE SIZE
L x W x H
CASE
CODE
PITCH
P1
TAPE WIDTH
W
TAPE
THICKNESS
T2
REEL DIAMETER
PACKAGING
QUANTITY
PER REEL
5.3 x 5.3 x 5.7
0506
12
12
6.2
380
1000
6.6 x 6.6 x 5.9
0606
12
16
6.2
380
1000
6.6 x 6.6 x 7.7
0608
12
16
8.3
380
1000
8.4 x 8.4 x 6.7
0807
12
16
6.8
380
1000
8.4 x 8.4 x 12
0812
16
16
13.0
380
400
10.4 x 10.4 x 7.7
1008
16
24
10.0
380
500
10.4 x 10.4 x 12.6
1013
16
24
14.0
380
400
aa
c
b


Similar Part No. - 97707E3

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9770 BELDEN-9770 Datasheet
195Kb / 2P
   Electronic, 3 C #22 Str TC, PP Ins, OS, PVC Jkt, CM
04-19-2023
logo
Heyco.
9770 HEYCO-9770 Datasheet
106Kb / 1P
   Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
Belden Inc.
9770-0011000 BELDEN-9770-0011000 Datasheet
195Kb / 2P
   Electronic, 3 C #22 Str TC, PP Ins, OS, PVC Jkt, CM
04-19-2023
9770-001500 BELDEN-9770-001500 Datasheet
195Kb / 2P
   Electronic, 3 C #22 Str TC, PP Ins, OS, PVC Jkt, CM
04-19-2023
9770-0015000 BELDEN-9770-0015000 Datasheet
195Kb / 2P
   Electronic, 3 C #22 Str TC, PP Ins, OS, PVC Jkt, CM
04-19-2023
More results

Similar Description - 97707E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL218197701E3 VISHAY-MAL218197701E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
185CPNZ VISHAY-185CPNZ Datasheet
106Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097506E3 VISHAY-MAL218097506E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
184CPNS VISHAY-184CPNS Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
180CPS VISHAY-180CPS_V01 Datasheet
110Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
180CPS VISHAY-180CPS_15 Datasheet
98Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
181CPL VISHAY-181CPL Datasheet
106Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
181CPL VISHAY-181CPL_V01 Datasheet
104Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
184CPNS VISHAY-184CPNS_V01 Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com