Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG1411EEN-T1-GE4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG1411EEN-T1-GE4
Description  Supports single and dual supply operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG1411EEN-T1-GE4 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG1411EEN-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG1411EEN-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG1411EEN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG1411EEN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG1411EEN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG1411EEN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG1411EEN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG1411EEN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG1411EEN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DG1411E, DG1412E, DG1413E
www.vishay.com
Vishay Siliconix
S17-0054-Rev. C, 23-Jan-17
4
Document Number: 75104
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS - ± 15 V supply
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 15 V, V- = -15 V
VINH = 2 V, VINL = 0.8 V
+25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
TYP. /
MAX.
UNIT
Analog Switch
Analog signal range
VANALOG
0 to V+
-
V
Drain-source on-resistance
RDS(on)
VS = ± 10 V, IS = -10 mA
V+ = 13.5 V, V- = -13.5 V
1.5
-
-
Typ.
1.8
2
2.3
Max.
On-resistance flatness
Rflat(on)
VS = ± 10 V, IS = -10 mA
0.2
-
-
-
0.42
0.45
0.48
Max.
On-resistance matching
R
DS(on)
0.04
-
-
Typ.
0.22
0.23
0.24
Max.
Switch off leakage current
IS/Id(off)
V+ = 16.5 V, V- = -16.5 V
VS = ± 10 V, VD =
10 V
± 0.01
-
-
Typ.
nA
± 0.5
± 2
± 12
Max.
Channel on leakage current
Id(on)
VS = VD = ± 10 V
± 0.05
-
-
Typ.
± 1
± 3
± 40
Max.
Digital Control
Input, high voltage
VINH
--
2
Vmin.
V
Input, low voltage
VINL
--
0.8
Vmax.
Input leakage
IIN
VIN = VGND or V+
0.001
-
-
Typ.
μA
--
± 0.1
Max.
Digital input capacitance
CIN
3.5
-
-
Typ.
pF
Dynamic Characteristics
Break-before-make time
tOPEN
VS1= VS2 = 10 V
RL= 300 , CL = 35 pF
24
-
-
Typ.
ns
-
-
10
Min.
Turn-on time
tON
VS = 10 V
RL = 300 , CL = 35 pF
70
-
-
Typ.
110
130
140
Max.
Turn-off time
tOFF
50
-
-
Typ.
90
100
110
Max.
Charge injection
QINj
CL = 1 nF, RGEN = 0 , VS = 0 V
-41
-
-
Typ.
pC
Off isolation
OIRR
CL = 5 pF, RL = 50 , 100 kHz
-78
-
-
Typ.
dB
Cross talk
XTALK
CL = 5 pF, RL = 50 , 1 MHz
-104
-
-
Typ.
Insertion loss
f = 1MHz, RL = 50 , CL = 5 pF
-0.16
-
-
Typ.
Total harmonic distortion
THD
RL = 110 , 15 Vp-p,
f = 20 Hz to 20 kHz
0.0039
-
-
Typ.
%
Bandwidth, -3 dB
BW
CL = 5 pF, RL = 50 
150
-
-
Typ.
MHz
Source off capacitance
CS(off)
f = 1 MHz, VS = 0 V
24
-
-
Typ.
pF
Drain off capacitance
CD(off)
23
-
-
Typ.
Drain on capacitance
CD(on)
87
-
-
Typ.
Power Requirements
Power supply range
GND = 0 V
± 4.5 V min. / ± 16.5 max.
V
Power supply current
I+
Digital inputs 0 or V+
V+ = 16.5 V, V- = -16.5 V
0.001
-
-
Typ.
μA
--
1
Max.
IN1 = IN2 = IN3 = IN4 = 5 V
113
-
-
Typ.
-
260
290
Max.
I-
Digital inputs 0 or V+
0.001
-
-
Typ.
--
1
Max.



Similar Part No. - DG1411EEN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1411EEN-T1-GE4 VISHAY-DG1411EEN-T1-GE4 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
More results

Similar Description - DG1411EEN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVD4M16ALL ISSI-IS66WVD4M16ALL Datasheet
946Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD1M16ALL ISSI-IS66WVD1M16ALL Datasheet
1Mb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16ALL ISSI-IS66WVD2M16ALL Datasheet
945Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16DALL ISSI-IS66WVD2M16DALL Datasheet
966Kb / 52P
   Single device supports asynchronous and burst operation
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Single or Dual-Supply Operation
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
logo
Axiomtek Co., Ltd.
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
   Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
   Supports fanless and noiseless operation
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
   Supports fanless and noiseless operation
logo
Maxim Integrated Produc...
MAX2306MAX2308-MAX2309 MAXIM-MAX2306MAX2308-MAX2309 Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com