Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3008 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # MCH3008
Description  1 TO 3400 MHz TO-8H TRIPLE-MCH3008 BALANCED MIXER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

MCH3008 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  MCH3008 Datasheet HTML 1Page - Teledyne Technologies Incorporated MCH3008 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
- 3 0 . 0
-40.0
-50.0
-60.0
-70.0
Isolation vs. Frequency
0.01 0.05
0.1
0.5
1.0
1.5
2.0
2.5
3.0
- 3 0 . 0
-35.0
-40.0
-45.0
-50.0
Isolation vs. Frequency
F R E Q U E N C Y - G H z
F R E Q U E N C Y - G H z
0.01 0.05
0.1
0.5
1.0
1.5
2.0
2.5
3.0
F
L
a t + 7 d B m
L – R
F
L
a t + 1 0 d B m
L – I
1
1
MCH3008
Conversion Loss vs. LO Drive Level
-5.25
-5.50
-5.75
-6.00
-6.25
D R I V E L E V E L - d B m
6.0
7.0
8.0
9.0
10.0 11.0 12.0
13.0 14.0
15.0 16.0 17.0 18.0
3
3 . 0
2.5
2.0
1.5
1.0
VSWR vs. Frequency
F R E Q U E N C Y - G H z
0.01 0.05
0.1
0.5
1.0
1.5
2.0
2.5
3.0
2 . 5
2.0
1.5
1.0
0.5
VSWR vs. Frequency
F R E Q U E N C Y - G H z
0.01 0.05
0.1
0.5
1.0
1.5
2.0
2.5
3.0
2 . 5
2.0
1.5
1.0
0.5
VSWR vs. Frequency
F R E Q U E N C Y - G H z
0.01 0.05
0.1
0.5
1.0
1.5
2.0
2.5
3.0
F
L
– 0 . 6 G H z a t + 1 0 d B m
R - P O R T
I - P O R T
F
L
– 0 . 6 G H z a t + 1 0 d B m
F
L
a t + 7 d B m
L - P O R T
2
2
2
0.1
0.5
1.0
1.5
2.0
2.5
3.0
Conversion Loss vs. Input Frequency
- 5 . 0
- 5 . 5
- 6 . 0
- 6 . 5
- 7 . 0
F R E Q U E N C Y - G H z
I F – 1 0 0 M H z
4
1Level of the f
L signal fed through to the R- and I-ports with respect to the level of the fL signal
at the L-port.
2 VSWR of the I- and R-ports in a 50-ohm system. Some variation in the R-port VSWR will occur as
a function of the L-port frequency as shown above.
3 The minimum recommended drive level is +6 dBm. The maximum recommended
drive level is +18 dBm.
4Conversion loss of the mixer when used in an SSB system. The frequency ordinate
refers to the R-port (fR) with fI at 100 MHz. Data plotted with an fL level of +10.0 dBm.
5
4
3
2
1
0
Harmonic Intermodulation Products
(single tone)
H A R M O N I C S O F f
L
8 7 . 4
8 8 . 4
8 4 . 2
8 5 . 8
8 6 . 9
8 6 . 8
8 8 . 4
9 0 . 3
8 4 . 3
8 5 . 6
8 6 . 5
8 6 . 7
8 8 . 4
8 3 . 8
8 5 . 7
8 7 . 0
8 6 . 7
8 6 . 1
8 9 . 7
8 4 . 4
8 4 . 5
8 6 . 4
8 7 . 7
8 7 . 0
7 1 . 5
8 4 . 1
6 8 . 7
6 8 . 0
7 1 . 1
6 7 . 0
7 1 . 9
7 1 . 2
6 8 . 0
6 0 . 4
6 7 . 8
5 8 . 4
6 4 . 0
6 4 . 6
8 1 . 1
6 2 . 0
6 6 . 2
6 5 . 4
6 2 . 8
8 9 . 4
6 6 . 4
6 4 . 2
6 8 . 6
7 0 . 8
3 2 . 8
0 . 0
3 7 . 4
1 2 . 5
4 4 . 5
2 2 . 0
3 4 . 7
0 . 0
3 8 . 0
1 1 . 4
3 8 . 9
1 9 . 0
2 8 . 6
1 6 . 8
2 9 . 9
2 5 . 0
3 0 . 7
2 2 . 6
1 7 . 6
3 2 . 3
2 9 . 2
3 9 . 2
0
1
2
3
4
5
F
R
= 1 0 0 0 M H z @ - 1 0 d B m
F
L
= 1 0 3 0 M H z
F
L
@ + 1 0 d B m
F
L
@ + 1 3 d B m
5
4
3
2
1
0
Harmonic Intermodulation Products
(single tone)
H A R M O N I C S O F f
L
8 4 . 2
8 6 . 4
8 5 . 4
8 8 . 5
8 4 . 5
8 5 . 9
8 3 . 9
8 7 . 0
8 5 . 9
8 8 . 9
8 4 . 9
8 6 . 5
8 5 . 1
8 6 . 3
8 7 . 9
8 4 . 5
8 5 . 9
8 6 . 9
8 6 . 6
8 6 . 6
8 8 . 8
8 4 . 9
8 5 . 5
8 8 . 2
8 5 . 3
7 6 . 8
8 0 . 2
6 3 . 7
7 9 . 2
7 0 . 8
8 2 . 9
7 3 . 2
7 6 . 9
5 9 . 8
7 4 . 7
6 5 . 8
9 2 . 0
7 5 . 8
6 7 . 1
6 9 . 2
7 0 . 7
7 2 . 3
7 3 . 0
7 4 . 4
6 8 . 2
7 1 . 8
7 1 . 4
8 4 . 0
2 4 . 0
0 . 0
3 6 . 0
1 8 . 8
4 7 . 3
4 2 . 7
2 4 . 9
0 . 0
4 8 . 1
1 8 . 6
5 4 . 8
3 9 . 2
8 . 8
1 9 . 5
2 9 . 6
3 1 . 5
4 1 . 1
0
1
2
3
4
5
F
R
= 3 0 0 0 M H z @ - 1 0 d B m
F
L
= 3 0 3 0 M H z
F
L
@ + 1 0 d B m
F
L
@ + 1 3 d B m
IP3
F
R
= 1 0 0 0 , 1 0 0 4 M H z @ - 1 0 d B m
F
L
= 1 0 3 0 M H z @ + 1 0 d B m
V e r t i c a l S c a l e : 1 0 d B / D I V


Similar Part No. - MCH3008

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
logo
ON Semiconductor
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
MCH3007-TL-H ONSEMI-MCH3007-TL-H Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
logo
Teledyne Technologies I...
MCH3009 TELEDYNE-MCH3009 Datasheet
175Kb / 2P
   1 TO 3400 MHz TO-8H TRIPLE-MCH3009 BALANCED MIXER
More results

Similar Description - MCH3008

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
MCH3009 TELEDYNE-MCH3009 Datasheet
175Kb / 2P
   1 TO 3400 MHz TO-8H TRIPLE-MCH3009 BALANCED MIXER
logo
SYNERGY MICROWAVE CORPO...
SMD-3500 SYNERGY-SMD-3500 Datasheet
244Kb / 2P
   TRIPLE BALANCED MIXER WIDE BANDWIDTH 1-3500 MHz
logo
Analog Devices
ADL5363 AD-ADL5363 Datasheet
990Kb / 24P
   2300 MHz to 2900 MHz Balanced Mixer
REV. 0
logo
TriQuint Semiconductor
QPA9842 TRIQUINT-QPA9842 Datasheet
645Kb / 8P
   3400 - 3800 MHz 1/4W Balanced Amplifier
logo
Tyco Electronics
MZ8810 MACOM-MZ8810 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
MY89 MACOM-MY89 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MY93 MACOM-MY93 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MZ9313 MACOM-MZ9313 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
M51M51C MACOM-M51M51C Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M2TC MA-COM-M2TC_15 Datasheet
933Kb / 3P
   Triple-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com