Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPDGPM Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # GPDGPM
Description  IF/RF Low Cost Cascadable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

GPDGPM Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

Back Button GPDGPM Datasheet HTML 2Page - Teledyne Technologies Incorporated GPDGPM Datasheet HTML 3Page - Teledyne Technologies Incorporated GPDGPM Datasheet HTML 4Page - Teledyne Technologies Incorporated GPDGPM Datasheet HTML 5Page - Teledyne Technologies Incorporated GPDGPM Datasheet HTML 6Page - Teledyne Technologies Incorporated GPDGPM Datasheet HTML 7Page - Teledyne Technologies Incorporated GPDGPM Datasheet HTML 8Page - Teledyne Technologies Incorporated GPDGPM Datasheet HTML 9Page - Teledyne Technologies Incorporated GPDGPM Datasheet HTML 10Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Key: +25
°C
+85
°C
-55
°C
(@ +5 VDC unless otherwise noted)
(Typical production unit @ +25
°C ambient)
Automatic Network Analyzer Measurements
FREQUENCY
VSWR
GAIN
PHASE
PHASE
GROUP DELAY
VSWR
ISOLATION
MHz
IN
dB
DEGREES
DEV
ns
OUT
dB
Numerical Readings
Bias = 5.00 Volts
100.0
1.30
26.85
–18.13
.11
.00
1.12
49.96
150.0
1.34
26.52
–27.54
–.23
.50
1.12
49.00
200.0
1.43
26.01
–36.25
.11
.47
1.14
44.42
250.0
1.50
25.41
–44.49
.44
1.15
47.30
300.0
1.57
24.63
–51.92
.40
1.16
48.12
350.0
1.63
23.87
–58.94
.38
1.18
44.41
400.0
1.68
22.97
–65.67
.32
1.19
47.34
450.0
1.73
22.04
–70.41
.26
1.19
48.00
500.0
1.76
21.18
–74.90
.23
1.19
49.28
550.0
1.79
20.19
–78.51
.19
1.19
45.90
600.0
1.82
19.32
–81.65
.15
1.18
46.52
650.0
1.83
18.46
–83.95
.11
1.17
45.45
700.0
1.85
17.61
–85.55
.07
1.17
46.48
750.0
1.87
16.81
–86.49
.04
1.16
45.87
GPD-251—5 to 200 MHz
Typical Performance Over Temperature
Frequency, MHz
Frequency, MHz
Output VSWR
1.75
Second-Order Intercept Point
Frequency, MHz
30
25
1.5
15
1.25
20
100
150
200
10
1.0
50
5
Input VSWR
Third-Order Intercept Point
Frequency, MHz
13
12
11
10
9
Gain
Frequency, MHz
100
150
200
50
5
Noise Figure
Frequency, MHz
6
4
5
3
100
150
200
50
0
Frequency, MHz
+3
+1
–1
100
150
200
–3
–5
50
5
Power Output
2.0
8
28
29
27
26
25
1.75
1.5
1.25
1.0
2.0
100
150
200
50
5
100
150
200
50
0
100
150
200
50
0
< Previous
Next >>


Similar Part No. - GPDGPM

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPDG1157 GPSEMI-GPDG1157 Datasheet
287Kb / 2P
   RECTIFIER DIODE
GPDG3083 GPSEMI-GPDG3083 Datasheet
271Kb / 2P
   RECTIFIER DIODE
GPDG3115 GPSEMI-GPDG3115 Datasheet
101Kb / 1P
   RECTIFIER DIODE
GPDG3115 GPSEMI-GPDG3115 Datasheet
128Kb / 2P
   RECTIFIER DIODE
GPDG3115 GPSEMI-GPDG3115_12 Datasheet
128Kb / 2P
   RECTIFIER DIODE
More results

Similar Description - GPDGPM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5336 AD-ADL5336 Datasheet
1Mb / 32P
   Cascadable IF VGAs
REV. B
logo
rfsolutions.ltd
FM-232C-433 RFSOLUTIONS-FM-232C-433 Datasheet
74Kb / 6P
   RS232 LOW COST RF MODEM
logo
Analog Devices
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
logo
STMicroelectronics
STM32W-RFCKIT STMICROELECTRONICS-STM32W-RFCKIT Datasheet
187Kb / 3P
   STM32W Low-cost RF control kit
logo
Analog Devices
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
logo
STMicroelectronics
STM32W-RFCKIT STMICROELECTRONICS-STM32W-RFCKIT_13 Datasheet
185Kb / 4P
   STM32W low-cost RF control kit
logo
Texas Instruments
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com