Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS6014 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # DTS6014
Description  0.1 TO 6.0 GHz THRESHOLD DETECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DTS6014 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  DTS6014 Datasheet HTML 1Page - Teledyne Technologies Incorporated DTS6014 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
DTS6014
Threshold Power @ R = 120 Ohm
KEY: + 25 ° C
+ 85 ° C
-55 ° C
-8.0
-9.0
-10.0
-11.0
-12.0
-13.0
F REQUENCY - GHz
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Threshold Power @ R = 700 Ohm
2.0
1.0
0.0
-1.0
-2.0
-3.0
F REQUENCY - GH z
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Threshold Power @ R = 2800 Ohm
12.0
11.0
10.0
9.0
8.0
7.0
FREQUENCY - GHz
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
1
Input VSWR at Pin = 0 dBm
1.75
1.50
1.25
1.00
0.75
FREQUENCY - GHz
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Input VSWR at Pin = -10 dBm
1.75
1.50
1.25
1.00
0.75
FREQUENCY - GHz
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-15
-10
-5
0
5
10
15
Pulse Response @ RTH =120 Ohms
Pulse Response @ RTH = 2800 Ohms
Top Trace: TTL Logic Out
Bottom Trace: RF Input
Time Base: 200 ηs/div
10000
1000
100
10
Control Resistance vs. Threshold Power (dBm)
T H R E S H O L D P O W E R - d B m
-20
-15
-10
-5
0
5
10
15
LOG SCALE
+
5000
4000
3000
2000
1000
0
THRESHOLD POWER - dBm
-15
-10
-5
0
5
10
15
Control Voltage and Resistance vs.
Input Power (dBm)
2500
2000
1500
1000
500
0
Control Resistance
Control Voltage
-15
-10
-5
0
5
10
15
+
4000
3000
2000
1000
0
Control Resistance vs. Threshold Power (dBm)
THRESHOLD POWER - dBm
-20
-15
-10
-5
0
5
10
15
LINEAR SCALE
-15
-10
-5
0
5
10
15
Pulse Response @ RTH = 120 Ohms
(with 1KOhm Pull-up Resistor)


Similar Part No. - DTS6014

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DTS6015 TELEDYNE-DTS6015 Datasheet
288Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
More results

Similar Description - DTS6014

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6015 TELEDYNE-DTS6015 Datasheet
288Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTC6002 TELEDYNE-DTC6002 Datasheet
269Kb / 2P
   0.01 TO 6.0 GHz THRESHOLD DETECTOR
DTS8003 TELEDYNE-DTS8003 Datasheet
301Kb / 2P
   0.1 TO 8.0 GHz THRESHOLD DETECTOR
DAQ6103 TELEDYNE-DAQ6103 Datasheet
264Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
logo
Guerrilla RF, Inc.
GRF1201W GUERRILLA-GRF1201W Datasheet
1,023Kb / 14P
   Log Average Power Detector 0.1 to 6.0 GHz
06/15/21
GRF1201 GUERRILLA-GRF1201 Datasheet
856Kb / 13P
   Log Average Power Detector 0.1 to 6.0 GHz
logo
Teledyne Technologies I...
DAQ6116 TELEDYNE-DAQ6116 Datasheet
302Kb / 2P
   0.1 TO 6.0 GHz PEAK TO PEAK ANALOG DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com