Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAQ6103 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # DAQ6103
Description  0.1 TO 6.0 GHz ANALOG DETECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DAQ6103 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  DAQ6103 Datasheet HTML 1Page - Teledyne Technologies Incorporated DAQ6103 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
DAQ6103
10.0
1.0
0.1
0.01
0.001
0.0001
Transfer Curve Vcc = +10 V
I N P U T P O W E R - d B m
-30
-20
-10
0
10
20
30
40
Input Flatness @ Vo = 100 mV
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
6.0
5.0
4.0
3.0
2.0
F R E Q U E N C Y - G H z
0.1
0.7
1.3
1.9
2.5
3.1
3.7
4.3
4.9
5.5
6.1
1.50
1.25
1.00
0.75
0.50
Input VSWR @ Pin = +5 dBm
F R E Q U E N C Y - G H z
0.1
0.7
1.3
1.9
2.5
3.1
3.7
4.3
4.9
5.5
6.1
Pulse Response @ Pin = –15 dBm
Pulse Response @ Pin = 0 dBm


Similar Part No. - DAQ6103

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
More results

Similar Description - DAQ6103

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6116 TELEDYNE-DAQ6116 Datasheet
302Kb / 2P
   0.1 TO 6.0 GHz PEAK TO PEAK ANALOG DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6015 TELEDYNE-DTS6015 Datasheet
288Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6014 TELEDYNE-DTS6014 Datasheet
292Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
logo
Guerrilla RF, Inc.
GRF1201W GUERRILLA-GRF1201W Datasheet
1,023Kb / 14P
   Log Average Power Detector 0.1 to 6.0 GHz
06/15/21
GRF1201 GUERRILLA-GRF1201 Datasheet
856Kb / 13P
   Log Average Power Detector 0.1 to 6.0 GHz
logo
Teledyne Technologies I...
DACP18001 TELEDYNE-DACP18001 Datasheet
251Kb / 2P
   0.1 TO 18.0 GHz ULTRA BROADBAND ANALOG DETECTOR
PSD600125 TELEDYNE-PSD600125 Datasheet
90Kb / 4P
   Surface Mount Analog Level Detector 1.5 to 6.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com